Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS73-681M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCS73-681M-RC
Description  Power Chip Shielded Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCS73-681M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCS73-681M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Shielded Inductors
PCS73
15
Features
• Magnetically Shielded
• High Energy Storage
• Low Energy Loss
Electrical
Inductance Range:
1.5µh to 1000µh
Tolerance:
20% over entrie range, also
available in 10%
Test Frequency:
1KHz, 1V
Operating Temp:
-40ºC ~ 85ºC
IDC:
Inductance Drop 35% Typ. at rated IDC
Test Equipment
(L):
HP 4192A LF Impedance Analyzer
Pre-Heat 150ºC, 1 Min.
Physical
Packaging:
1600 pieces per 13 inch reel.
DCR
(
Ω)
Rated
Current
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
PCS73-2R2M-RC
PCS73-3R3M-RC
PCS73-6R8M-RC
PCS73-100M-RC
PCS73-120M-RC
PCS73-180M-RC
PCS73-270M-RC
PCS73-330M-RC
PCS73-390M-RC
PCS73-470M-RC
PCS73-560M-RC
PCS73-680M-RC
PCS73-820M-RC
PCS73-101M-RC
2.2
3.3
6.8
10
12
18
27
33
39
47
56
68
82
100
20
20
20
20
20
20
20
20
20
20
20
20
20
20
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0.03
0.04
.060
.072
.098
0.14
0.21
0.24
0.32
0.36
0.47
0.52
0.69
0.79
4.00
3.70
2.00
1.68
1.52
1.20
0.96
0.91
0.77
0.76
0.68
0.61
0.57
0.50
Dimensions:
Inches
(mm)
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
PCS73-150M-RC
15
20
1
0.13
1.33
PCS73-220M-RC
22
20
1
0.19
1.07
(A)
PCS73-151M-RC
PCS73-181M-RC
PCS73-221M-RC
PCS73-271M-RC
150
180
220
270
20
20
20
20
1
1
1
1
1.27
1.45
1.65
2.31
0.43
0.39
0.35
0.32
PCS73-121M-RC
120
20
1
0.89
0.49
PCS73-331M-RC
PCS73-391M-RC
330
390
20
20
1
1
2.62
2.94
0.28
0.26
PCS73-561M-RC
PCS73-681M-RC
PCS73-821M-RC
PCS73-102M-RC
560
680
820
1000
20
20
20
20
1
1
1
1
4.67
5.73
6.54
9.44
0.22
0.19
0.18
0.16
PCS73-471M-RC
470
20
1
4.18
0.24
KHZ, 1V
MAX
• Low DC Resistance
• Suitable for pick and place
Resistance to Soldering Heat
Solder Composition:
SN/Ag3.0/Cu0.5
Solder Temp:
260ºC ± 5ºC
Immersion time:
10 sec. ± 1 sec.
(RDC):
Chen Hwa 502
(IDC):
Chen Hwa 1061 + Chen Hwa 301A
or HP4284A + HP42841A
Marking:
EIA Inductance Code
REVISED 7/28/11
All specifications are subject to change without notice.
PCS73-1R5M-RC
1.5
20
1
0.03
4.00


Similar Part No. - PCS73-681M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS73-681M-RC ALLIED-PCS73-681M-RC Datasheet
364Kb / 1P
   Power Chip Shielded Inductors
PCS73-681M-RC ALLIED-PCS73-681M-RC Datasheet
365Kb / 1P
   Power Chip Shielded Inductors
More results

Similar Description - PCS73-681M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS105-R80T-RC ALLIED-PCS105-R80T-RC Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCSDR124-R47T-RC ALLIED-PCSDR124-R47T-RC Datasheet
403Kb / 1P
   Power Chip Shielded Inductors
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
   Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS6D28 ALLIED-PCS6D28 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
   Power Chip Shielded Inductors
PCS64-100M-RC ALLIED-PCS64-100M-RC Datasheet
345Kb / 1P
   Power Chip Shielded Inductors
PCS125-3R3M-RC ALLIED-PCS125-3R3M-RC Datasheet
357Kb / 1P
   Power Chip Shielded Inductors
PCSHC2D18-1R7T-RC ALLIED-PCSHC2D18-1R7T-RC Datasheet
377Kb / 1P
   Power Chip Shielded Inductors
PCSLR2D18-2R2T-RC ALLIED-PCSLR2D18-2R2T-RC Datasheet
380Kb / 1P
   Power Chip Shielded Inductors
PCIS40-1R0M-RC ALLIED-PCIS40-1R0M-RC Datasheet
766Kb / 1P
   Power Chip Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com