Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCSLF1255-101T-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCSLF1255-101T-RC
Description  Power Chip Shielded Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCSLF1255-101T-RC Datasheet(HTML) 1 Page - Allied Components International

  PCSLF1255-101T-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCSLF1255
Power Chip Shielded Inductors
15
DCR
(Ω)
±20%
IDC
(A)
Allied
Part
Number
Inductance
Tolerance
(%)
Test
Freq.
KHz,0.5v
PCSLF1255-6R0T-RC
PCSLF1255-100T-RC
PCSLF1255-150T-RC
PCSLF1255-470T-RC
PCSLF1255-680T-RC
PCSLF1255-101T-RC
PCSLF1255-151T-RC
PCSLF1255-221T-RC
PCSLF1255-331T-RC
6
10
15
47
68
100
150
220
330
30
30
30
30
30
30
30
30
30
1
1
1
1
1
1
1
1
1
.0164
.0215
.0259
.0618
.0832
0.117
0.35
0.47
0.58
3.6
3.4
2.8
1.6
1.3
.88
.72
.59
All specifications subject to change without notice.
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
(uH)
REVISED 12/30/08
PCSLF1255-471T-RC
PCSLF1255-681T-RC
PCSLF1255-102T-RC
PCSLF1255-152T-RC
470
680
1000
1500
30
30
30
30
1
1
1
1
0.68
1.03
1.60
2.80
.49
.43
.34
.29
1.1
Itemp
(A)
4.9
4.3
3.9
2.5
2.2
1.4
1.2
.88
.73
.60
.48
1.8
PCSLF1255-220T-RC
22
30
1
.0338
2.3
3.4
PCSLF1255-330T-RC
33
30
1
.0415
1.9
3.1
1.0
Max.
Features
• Shielded Power Inductor
• Low Profile
• Low Power loss and High current
Electrical
Inductance Range: 6µH to 1500µH
Tolerance: 30% over entire range,
Operating Temp: -40ºC ~ +85ºC
Test Equipment
(L): HP 4192A
Pre-Heat 150ºC, 1 minute.
Physical
Packaging: 500 pieces per 13 inch reel.
• Suitable for high current applications
Resistance to Soldering Heat
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC ± 5ºC for 10 sec. ± 1 sec.
(RDC): Chen Hwa 502BC
(IDC): HP4284A + HP42841A /
Marking: EIA Inductance Code
IDC: Current at which inductance
drops by 10% of intial value
Itemp current: Value obtained when
current flows and the temperature has
Chen Hwa 1061 + 301A
tighter tolerances available
risen by 30ºC
Dimensions:
Inches
(mm)


Similar Part No. - PCSLF1255-101T-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSLF1255-101T-RC ALLIED-PCSLF1255-101T-RC Datasheet
363Kb / 1P
   Power Chip Shielded Inductors
More results

Similar Description - PCSLF1255-101T-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS105-R80T-RC ALLIED-PCS105-R80T-RC Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCSDR124-R47T-RC ALLIED-PCSDR124-R47T-RC Datasheet
403Kb / 1P
   Power Chip Shielded Inductors
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
   Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS6D28 ALLIED-PCS6D28 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
   Power Chip Shielded Inductors
PCS64-100M-RC ALLIED-PCS64-100M-RC Datasheet
345Kb / 1P
   Power Chip Shielded Inductors
PCS125-3R3M-RC ALLIED-PCS125-3R3M-RC Datasheet
357Kb / 1P
   Power Chip Shielded Inductors
PCSHC2D18-1R7T-RC ALLIED-PCSHC2D18-1R7T-RC Datasheet
377Kb / 1P
   Power Chip Shielded Inductors
PCSLR2D18-2R2T-RC ALLIED-PCSLR2D18-2R2T-RC Datasheet
380Kb / 1P
   Power Chip Shielded Inductors
PCIS40-1R0M-RC ALLIED-PCIS40-1R0M-RC Datasheet
766Kb / 1P
   Power Chip Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com