Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P122712 Datasheet(PDF) 1 Page - E-SWITCH

Part # P122712
Description  All Dimension In MM
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P122712 Datasheet(HTML) 1 Page - E-SWITCH

  P122712 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
EG 2271, SPECIAL LEAD SPACING
5:1
10/12/2007
P122712
A
BLR
1
1
4
5
6
1
23
1.50
[.059 in]SQ.
5.08
[.200 in]
.30
[.012 in]TYP.
2.50
[.098 in]TYP.
.70
[.028 in]TYP.
3.00
[.118 in]
1.20
[.047 in]
3.50
[.138 in]
2.00
[.079 in]
9.00
[.354 in]
3.50
[.138 in]
A
17776
NEW RELEASE
10/12/07
BLR
NOTES:
1. ALL DIMENSIONS IN MM[INCH]
2. GENERAL TOLERANCE:
X.X=
`0.4
X.XX=
`0.25
3.
DENOTES CRITICAL PARAMETER
4. TERM NOS. FOR REF ONLY
5 RATING: 6VDC .3A
6. OPERATING FORCE: 200
` 150 GRAMS
7. LIFE CYCLES: 10,000 CYCLES
8.CONTACT RESISTANCE (INITIAL): 70m ohm MAX.
9. 2002/95/EC (ROHS) COMPLIANT
10. DIELECTIC STRENGTH: 500VAC FOR 1 MINUTE
11. CONTACT PLATING: GOLD 4 MILLIONTHS MIN. OVER NICKEL
5.08
[.200 in]
2.50
[.098 in]TYP.
n1.00
[.039 in]
(6)
P.C. MOUNTING
2
13
5
46
CIRCUIT: DPDT
2.00 `.30
.079 `.012 in
[]
TRAVEL TO MAKE
1
2
3
3
6
4
56
12
3
ACTUATOR COLOR:
WHITE


Similar Part No. - P122712

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P122713 E-SWITCH-P122713 Datasheet
82Kb / 1P
   All Dimension In MM
More results

Similar Description - P122712

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
R010000 E-SWITCH-R010000 Datasheet
27Kb / 1P
   All Dimension In MM
R010005 E-SWITCH-R010005 Datasheet
56Kb / 1P
   All Dimension In MM
M301101 E-SWITCH-M301101 Datasheet
41Kb / 1P
   All Dimension In MM
M301123 E-SWITCH-M301123 Datasheet
67Kb / 1P
   All Dimension In MM
M301208 E-SWITCH-M301208 Datasheet
32Kb / 1P
   All Dimension In MM
G510576 E-SWITCH-G510576 Datasheet
288Kb / 1P
   All Dimension In MM
G510360 E-SWITCH-G510360 Datasheet
148Kb / 1P
   All Dimension In MM
G510365 E-SWITCH-G510365 Datasheet
137Kb / 1P
   All Dimension In MM
G510450 E-SWITCH-G510450 Datasheet
41Kb / 1P
   All Dimension In MM
G510541 E-SWITCH-G510541 Datasheet
41Kb / 1P
   All Dimension In MM
G510561 E-SWITCH-G510561 Datasheet
38Kb / 1P
   All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com