Electronic Components Datasheet Search |
|
PCSM25A8S Datasheet(PDF) 1 Page - Allied Components International |
|
PCSM25A8S Datasheet(HTML) 1 Page - Allied Components International |
|
1 / 1 page SMD Shielded Power Inductor PCSM25A8S 15 ALLIED COMPONENTS INTERNATIONAL 714-665-1140 www.alliedcomponents.com RoHS 11/07/2013 Features • Magnetically Shielded Construction • High Saturation current for its size. • Low DC Resistance • Small Foot Print 1008 Package • Low Profile 1.2Max Ht. Electrical Inductance Range: .33µh to 2.2µh Tolerance: ± 20% over the entire range Test Frequency: 2MHz, 0.2V Operating Temp. Range: i -40° ~ +125ºC Isat: DC Current at which the inductance will drop approximately 30% Physical Part temperature should not exceed 125ºC including temperature rise. Packaging: 3000 pieces per 7 inch reel Storage Temp: i -55ºC ~+125ºC Irms: DC Current at which the ∆T =40ºC Marking: None Typical Resistance to Soldering Heat Pre-Heat: 150ºC, 1 Min. Solder Composition : Sn/Ag3.0/Cu0.5) Solder Temp: 260ºC +/-5 ºC Immersion Time: 10 Sec. +/- 1 sec. i Test Equipment (L): Agilent E4991A/HP 4287A+16197A DCR : Chen HWA502 Isat: Agilent E4980A+HP42841A Irms: Agilent 6641 System DC Power Supply Dimensions: Inches (mm) 1.2 .047 .260+/-.008 (2.5+/-0.2) (2.0+/-0.2) .118+/-.012 Max .024+/-.012 (0.6+/-0.3) Recommended Pattern 1.2 .047 2.8 .110 2.0 .079 All specifications subject to change without notice. Allied Part Number Inductance ( µh) PCSM25A8S-R47M-RC PCSM25A8S-1R0M-RC PCSM25A8S-2R2M-RC Irms (A) Test Frequency (MHz, 0.2V) Tolerance (%) DCR mΩ Max. Isat (A) 0.47 1.0 2.2 20 20 20 2 2 2 39 59 115 6.2 4.0 3.3 3.7 3.0 2.0 PCSM25A8S-R68M-RC 0.68 20 2 46 5.5 3.3 PCSM25A8S-1R5M-RC 1.5 20 70 3.4 PCSM25A8S-R33M-RC 0.33 20 2 35 6.8 2 4.0 Max. Max. 2.5 |
Similar Part No. - PCSM25A8S |
|
Similar Description - PCSM25A8S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |