Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCSV65-3R9M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCSV65-3R9M-RC
Description  SMD SHIELDED POWER CHIP INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCSV65-3R9M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCSV65-3R9M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD SHIELDED POWER CHIP INDUCTOR
15
RDC
m(Ω)
Allied
Part
Number
Inductance
(µh)
Tolerance
(%)
Test
Freq.
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
REVISED 09/25/2014
KHz, 1V
All specifications subject to change without notice.
Irms
PCSV65-1R5T-RC
1.5
30
100
15
5.9
Features
• Magnetically Shielded Construction
Electrical
Test Equipment
Physical
Packaging: 1K per Tape and reel
• Low Profile
Inductance Range: 1.0uh ~ 1000uh (other
Tolerance: Available in 20% and 30%
Operating Temp: -40ºC ~ +125ºC
Isat: Current at which the Inductance will drop
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Temp: 260ºC +/- 5ºC for 10 sec
(L): HP4284A
(RDC): Chroma MilliOhm Meter 16502
Current: HP4284A + HP42841A
Marking: EIA Inductance Code.
PCSV65
(A)
.236±.008
(6.0±0.2)
.236±.008
(6.0±0.2)
.177 Max
(4.5 Max)
.071±0.118
.071±0.118
(1.8±0.3)
(1.8±0.3.)
Isat
(A)
10.4
.224
(5.7)
.079
(2.0)
.079
(2.0)
.094
(2.4)
Land Pattern
Irms: Based on a temp rise of T = 40ºC
Solder Composition: Sn/Ag3.0/Cu0.5
values being added)
by no more then 30% of its initial value.
PCSV65-1R8M-RC
1.8
20
100
17
5.6
9.6
PCSV65-4R5M-RC
4.5
20
100
31
3.9
6.7
PCSV65-6R8M-RC
6.8
20
100
43
3.2
5.3
PCSV65-100M-RC
10
20
100
57
2.7
4.5
PCSV65-150M-RC
15
20
100
80
2.2
3.4
PCSV65-220M-RC
22
20
100
125
1.9
3.0
PCSV65-330M-RC
33
20
100
165
1.4
2.3
PCSV65-470M-RC
47
20
100
245
1.2
1.9
PCSV65-680M-RC
68
20
100
330
1.0
1.6
PCSV65-101M-RC
100
20
100
500
0.8
1.3
typical.
±30%
PCSV65-1R0M-RC
1.0
20
100
12
6.5
12.2
Typ.
Typ.
PCSV65-3R6M-RC
3.6
20
100
24
4.3
7.5
PCSV65-3R9M-RC
3.9
20
100
26
4.0
7.0
PCSV65-4R7M-RC
4.7
20
100
31
3.9
6.7
PCSV65-5R1M-RC
5.1
20
100
33
3.5
6.0
PCSV65-6R3M-RC
6.3
20
100
40
3.3
5.5
PCSV65-180M-RC
18
20
100
100
1.8
3.1
PCSV65-270M-RC
27
20
100
160
1.3
2.5
PCSV65-331M-RC
330
20
100
1800
.35
0.7
PCSV65-102M-RC
1000
20
100
6000
.22
0.4
PCSV65-2R2M-RC
2.2
20
100
18.4
5.1
8.8
PCSV65-2R3M-RC
2.3
20
100
19
5.0
8.8
PCSV65-3R0M-RC
3.0
20
100
22
4.4
7.8
PCSV65-3R3M-RC
3.3
20
100
24
4.3
7.5
PCSV65-5R6M-RC
5.6
20
100
40
3.4
5.8
PCSV65-560M-RC
56
20
100
300
1.1
1.7
PCSV65-221M-RC
220
20
100
1300
.38
.82
Dimensions:
Inches
(mm)


Similar Part No. - PCSV65-3R9M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSV65-3R0T-RC ALLIED-PCSV65-3R0T-RC Datasheet
358Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
More results

Similar Description - PCSV65-3R9M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSV48 ALLIED-PCSV48 Datasheet
408Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCFV52 ALLIED-PCFV52 Datasheet
608Kb / 1P
   SMD Shielded Power Chip Inductor
PCSV25-1R0M-RC ALLIED-PCSV25-1R0M-RC Datasheet
336Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV30-1R0M-RC ALLIED-PCSV30-1R0M-RC Datasheet
334Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV35-1R0M-RC ALLIED-PCSV35-1R0M-RC Datasheet
339Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV60-2R2M-RC ALLIED-PCSV60-2R2M-RC Datasheet
480Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV52 ALLIED-PCSV52 Datasheet
378Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV49 ALLIED-PCSV49 Datasheet
424Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCHP54NF ALLIED-PCHP54NF Datasheet
1Mb / 3P
   SMD SHIELDED POWER CHIP INDUCTOR
PCIA49 ALLIED-PCIA49 Datasheet
522Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com