Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q950003 Datasheet(PDF) 1 Page - E-SWITCH

Part # Q950003
Description  All Dimension In MM
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

Q950003 Datasheet(HTML) 1 Page - E-SWITCH

  Q950003 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
LS0851503F040C1C
1.5:1
2/25/2005
Q950003
E
AR
1
1
O.P.
10.30
[.406 in]
n3.10
[.122 in]
27.90
[1.098 in]
22.20
[.874 in]
4.30
[.169 in]
.50
[.020 in]
60.10 `.50
2.366 `.020 in
[]
3.15
[.124 in]
10.40
[.409 in]
2.75
[.108 in]
n3.40
[.134 in]
3.10
[.122 in]
7.60
[.299 in]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=
`0.4
X.XX=
`0.25
3. RATING: 15A @125/250VAC UL, CUL, VDE APPROVED
4. OPERATING FORCE: 40
`15 GRAMS
5. OPERATING TEMP: -25
~C TO 85~C
6. ELECTRICAL LIFE: 50,000 CYCLES MIN.
7. MECHANICAL LIFE: 1,000,000 CYCLES TYP.
8. INSULATION RESISTANCE: 100 MEGA-OHMS MIN.
9. DIELECTRIC STRENGTH: 1500VAC 1 MINUTE (INITAL VALUE)
10. CONTACT RESISTANCE: 100 MILLI -OHMS MAX.
11.
DENOTES CRITICAL PARAMETER.
12. 2002/95/EC (ROHS) COMPLIANT
O.P. (MM)
P.T. (MM)
`
O.P. = OPERATING POINT
P.T. = PRE-TRAVEL
15.3
8.5 MAX.
2.0
A
14712
RELEASED FOR PRODUCTION
3/9/05
AR
P.T.
1.00
[.039 in]
4.75
[.187 in]
15.90
[.626 in]
B
14890
CHANGED DIMMENSIONS AND NOTES
5/2/05
JB
B
B
B
B
B
B
B
C
15058
CORRECTED DIMENSION
7/5/05
JB
COM
NO
CURCUIT: SPST
NORMALLY OPEN
D
15554
EDIT CIRCUIT, TRAVEL
11/21/05
PH
10.60
[.417 in]
E
15603
CHANGES NOTED
12/13/05
PH
E
E
E
E


Similar Part No. - Q950003

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
Q950000 E-SWITCH-Q950000 Datasheet
69Kb / 1P
   All Dimension In MM
Q950001 E-SWITCH-Q950001 Datasheet
73Kb / 1P
   All Dimension In MM
Q950002 E-SWITCH-Q950002 Datasheet
74Kb / 1P
   All Dimension In MM
Q950004 E-SWITCH-Q950004 Datasheet
100Kb / 1P
   All Dimension In MM
Q950005 E-SWITCH-Q950005 Datasheet
100Kb / 1P
   All Dimension In MM
More results

Similar Description - Q950003

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
R010000 E-SWITCH-R010000 Datasheet
27Kb / 1P
   All Dimension In MM
R010005 E-SWITCH-R010005 Datasheet
56Kb / 1P
   All Dimension In MM
M301101 E-SWITCH-M301101 Datasheet
41Kb / 1P
   All Dimension In MM
M301123 E-SWITCH-M301123 Datasheet
67Kb / 1P
   All Dimension In MM
M301208 E-SWITCH-M301208 Datasheet
32Kb / 1P
   All Dimension In MM
G510576 E-SWITCH-G510576 Datasheet
288Kb / 1P
   All Dimension In MM
G510360 E-SWITCH-G510360 Datasheet
148Kb / 1P
   All Dimension In MM
G510365 E-SWITCH-G510365 Datasheet
137Kb / 1P
   All Dimension In MM
G510450 E-SWITCH-G510450 Datasheet
41Kb / 1P
   All Dimension In MM
G510541 E-SWITCH-G510541 Datasheet
41Kb / 1P
   All Dimension In MM
G510561 E-SWITCH-G510561 Datasheet
38Kb / 1P
   All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com