Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCSV80-2R5M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCSV80-2R5M-RC
Description  SMD SHIELDED POWER CHIP INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCSV80-2R5M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCSV80-2R5M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD SHIELDED POWER CHIP INDUCTOR
15
RDC
(mΩ)
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
REVISED 01/20/2014
KHz, 1V
All specifications subject to change without notice.
Irms
PCSV80-R90T-RC
0.9
30
100
7
8.05
Features
• Magnetically Shielded Construction
Electrical
Test Equipment
Physical
Packaging: 1K per Tape and reel
• Low Profile
Inductance Range: 0.9µh ~ 820µh (other
Tolerance: Available in 20% & 30%
Operating Temp: -25ºC ~ +105ºC
Isat: Current at which the Inductance will drop
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Temp: 260ºC +/- 5ºC for 10 sec
(L): HP4284A
(RDC):
Chroma MilliOhm Meter Mode 16502
Current: HP4284A + HP42841A
Marking: EIA Inductance Code
PCSV80
(A)
.315±.008
(8.0±0.2)
.315±.008
(8.0±0.2)
.177 Max
(4.2 Max)
.083
.083
(2.1)
(2.1)
Isat
(A)
13.8
Irms: Based on a temp rise of
T = 40ºC
Solder Composition: Sn/Ag3.0/Cu0.5
values being added)
by no more then 30% of its initial value.
PCSV80-1R4T-RC
1.4
30
100
9
7.80
10.8
PCSV80-2R0M-RC
2.0
20
100
11
7.40
9.60
PCSV80-3R3M-RC
3.3
20
100
15
6.00
7.50
PCSV80-4R7M-RC
4.7
20
100
18
5.50
6.00
PCSV80-6R8M-RC
6.8
20
100
25
5.10
5.40
PCSV80-100M-RC
10
20
100
38
3.80
4.30
PCSV80-150M-RC
15
20
100
50
3.20
3.60
typical.
±30%
Typ.
Typ.
Marking
R90
1R4
2R0
3R3
4R7
6R8
100
150
PCSV80-220M-RC
22
20
100
80
2.60
2.80
PCSV80-330M-RC
33
20
100
110
2.00
2.30
PCSV80-470M-RC
47
20
100
160
1.75
1.90
PCSV80-680M-RC
68
20
100
240
1.45
1.70
PCSV80-101M-RC
100
20
100
340
1.10
1.40
220
330
470
680
101
PCSV80-121M-RC
121
20
100
425
1.00
1.10
PCSV80-151M-RC
150
20
100
480
.900
1.00
PCSV80-221M-RC
220
20
100
670
.600
.940
PCSV80-270M-RC
270
20
100
900
.550
.830
PCSV80-821M-RC
820
20
100
2800
.380
.400
121
151
221
271
821
PCSV80-1R0T-RC
1.0
30
100
7.5
7.95
13.0
1R0
PCSV80-1R5T-RC
1.5
30
100
9.5
7.70
10.0
1R0
PCSV80-2R5M-RC
2.5
20
100
13
6.30
8.20
2R5
PCSV80-2R2M-RC
2.2
20
100
11.5
7.20
9.20
2R2
PCSV80-5R6M-RC
5.6
20
100
23
5.20
5.70
5R6
PCSV80-120M-RC
12
20
100
45
3.50
3.80
120
PCSV80-180M-RC
18
20
100
68
2.70
3.10
180
Dimensions:
Inches
(mm)
.248 Typ.
(6.3 Typ.)


Similar Part No. - PCSV80-2R5M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSV80-2R0M-RC ALLIED-PCSV80-2R0M-RC Datasheet
352Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
More results

Similar Description - PCSV80-2R5M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSV48 ALLIED-PCSV48 Datasheet
408Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCFV52 ALLIED-PCFV52 Datasheet
608Kb / 1P
   SMD Shielded Power Chip Inductor
PCSV25-1R0M-RC ALLIED-PCSV25-1R0M-RC Datasheet
336Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV30-1R0M-RC ALLIED-PCSV30-1R0M-RC Datasheet
334Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV35-1R0M-RC ALLIED-PCSV35-1R0M-RC Datasheet
339Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV60-2R2M-RC ALLIED-PCSV60-2R2M-RC Datasheet
480Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV52 ALLIED-PCSV52 Datasheet
378Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV65 ALLIED-PCSV65 Datasheet
632Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV49 ALLIED-PCSV49 Datasheet
424Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCHP54NF ALLIED-PCHP54NF Datasheet
1Mb / 3P
   SMD SHIELDED POWER CHIP INDUCTOR
PCIA49 ALLIED-PCIA49 Datasheet
522Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com