Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV05A Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD74LV05A
Description  Hex Inverters with Open Drain Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV05A Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD74LV05A Datasheet HTML 1Page - Hitachi Semiconductor HD74LV05A Datasheet HTML 2Page - Hitachi Semiconductor HD74LV05A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV05A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV05A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV05A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV05A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV05A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV05A Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HD74LV05A
5
DC Electrical Characteristics
• Ta = –40 to 85°C
Item
Symbol
V
CC (V) *
Min
Typ
Max
Unit
Test Conditions
Input voltage
V
IH
2.0
1.5
V
2.3 to 2.7
V
CC × 0.7
3.0 to 3.6
V
CC × 0.7
4.5 to 5.5
V
CC × 0.7
V
IL
2.0
0.5
2.3 to 2.7
V
CC × 0.3
3.0 to 3.6
V
CC × 0.3
4.5 to 5.5
V
CC × 0.3
Output
voltage
V
OL
Min to Max
0.1
V
I
OL = 50 µA
2.3
0.4
I
OL = 2 mA
3.0
0.44
I
OL = 6 mA
4.5
0.55
I
OL = 12 mA
Input current
I
IN
0 to 5.5
±1
µAV
IN = 5.5 V or GND
Quiescent
supply
current
I
CC
5.5
20
µAV
IN = VCC or GND, IO = 0
Output
leakage
current
I
OFF
0—
5
µAV
O = 5.5 V
Input
capacitance
C
IN
3.3
2.3
pF
V
I = VCC or GND
Note:
For conditions shown as Min or Max use the appropriate values under recommended operating
conditions.


Similar Part No. - HD74LV05A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A Datasheet
96Kb / 8P
   Hex Inverters with Open Drain Outputs
HD74LV05AFPEL RENESAS-HD74LV05AFPEL Datasheet
96Kb / 8P
   Hex Inverters with Open Drain Outputs
HD74LV05AFPEL RENESAS-HD74LV05AFPEL Datasheet
128Kb / 10P
   Hex Inverters with Open Drain Outputs
HD74LV05ARPEL RENESAS-HD74LV05ARPEL Datasheet
96Kb / 8P
   Hex Inverters with Open Drain Outputs
HD74LV05ARPEL RENESAS-HD74LV05ARPEL Datasheet
128Kb / 10P
   Hex Inverters with Open Drain Outputs
More results

Similar Description - HD74LV05A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
   Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_07 Datasheet
468Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
CD74AC05M96G4 TI-CD74AC05M96G4 Datasheet
849Kb / 13P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LV06A DIODES-74LV06A Datasheet
310Kb / 9P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74LVC06A DIODES-74LVC06A Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A Datasheet
96Kb / 8P
   Hex Inverters with Open Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_08 Datasheet
498Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
System Logic Semiconduc...
SL74LS05 SLS-SL74LS05 Datasheet
26Kb / 3P
   Hex Inverters with Open-Drain Outputs
logo
Hitachi Semiconductor
HD74HC05 HITACHI-HD74HC05 Datasheet
44Kb / 7P
   Hex Inverters (with Open Drain Outputs)
logo
Texas Instruments
SN54HC05 TI-SN54HC05 Datasheet
66Kb / 4P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A_15 Datasheet
128Kb / 10P
   Hex Inverters with Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com