Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB2200R-683K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # RB2200R-683K-RC
Description  Radial Bobbin Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

RB2200R-683K-RC Datasheet(HTML) 1 Page - Allied Components International

  RB2200R-683K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RB2200R-100K-RC
RB2200R-150K-RC
RB2200R-220K-RC
RB2200R-330K-RC
RB2200R-470K-RC
RB2200R-680K-RC
RB2200R-101K-RC
RB2200R-151K-RC
RB2200R-221K-RC
RB2200R-331K-RC
RB2200R-471K-RC
RB2200R-681K-RC
RB2200R-102K-RC
RB2200R-152K-RC
RB2200R-222K-RC
RB2200R-332K-RC
RB2200R-472K-RC
RB2200R-682K-RC
RB2200R-103K-RC
RB2200R-153K-RC
RB2200R-223K-RC
RB2200R-333K-RC
RB2200R-473K-RC
RB2200R-683K-RC
Allied
Part
Number
Inductance
(
µh)
SRF
(MHz)
DC Current
Max.
10
15
22
33
47
68
100
150
220
330
470
680
1000
1500
2200
3300
4700
6800
10000
15000
22000
33000
47000
68000
21.2
19.4
17.0
11.4
10.9
8.7
7.0
5.7
4.4
3.7
3.2
2.5
2.1
1.9
1.7
1.2
1.0
0.85
0.62
0.51
0.34
0.28
0.25
0.20
65
60
50
50
50
90
90
90
100
100
110
120
120
130
90
140
150
145
155
140
100
95
90
70
1.62
1.35
1.08
0.90
0.77
0.77
0.67
0.52
0.43
0.38
0.31
0.25
0.17
0.13
0.11
0.10
0.081
0.072
0.063
0.054
0.045
0.036
0.027
0.018
All specifications subject to change without notice.
Radial Bobbin Inductors
RB2200R
Electrical
Tolerance: 10% over entire range.
Tighter tolerances available.
Small Foot print
Radial Leaded
Extensive Inductance Range
Features
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Dimensions:
Inches
(mm)
Test Frequency: 1KHz, 0.1V
Physical
Packaging: 500 pcs per bag
Marking: EIA Inductance code and
“F” RoHS Indentifier
06/07/11
DCR
Max.
(Ω)
0.05
0.07
0.09
0.14
0.22
0.28
0.39
0.54
0.83
1.21
1.65
2.64
3.63
6.49
8.58
11.0
15.0
22.0
37.4
51.7
82.5
118.8
169.4
242.0
Nom.
(A)
1000
500
500
500
500
100
100
100
100
100
100
100
100
100
50
150
150
150
150
150
50
50
50
50
Q at f KHZ Nom
Q
f
UL Polyolefin Tubing
Test Equipment
Inductance: HP4263B 1KHz-0.1V
DCR: HP4263B 1KHz-0.1V
DC Current: Based on Inductance change
by no more than 10% of initial value and
Operating Temperature: -25ºC to +70ºC
Inductance Range: -10µh ~ 68,000µh
Current: CH-301 Current Source & DCR
DCR: HP4263B 1KHz-0.1V
Q: HP4342A Q meter
Temperature rise of no more than 30ºC of
initial temperature within the coil body.
Under no circumstances should the
temperature of the part increase to more
than 125ºC.
A: 0.283±0.020
B: 0.335±0.020
C: 0.413 MAX
D: 1.614±0.130
E: 1.772±0.130
F: 0.024±0.002
G: 0.118±0.020


Similar Part No. - RB2200R-683K-RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RB2213 ETC2-RB2213 Datasheet
402Kb / 1P
   Nylon-Insulated Fork Terminals
RB2214 ETC2-RB2214 Datasheet
402Kb / 1P
   Nylon-Insulated Fork Terminals
RB2233 ETC2-RB2233 Datasheet
402Kb / 1P
   Nylon-Insulated Fork Terminals
RB2253 ETC2-RB2253 Datasheet
402Kb / 1P
   Nylon-Insulated Fork Terminals
RB2254 ETC2-RB2254 Datasheet
402Kb / 1P
   Nylon-Insulated Fork Terminals
More results

Similar Description - RB2200R-683K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RB40 ALLIED-RB40 Datasheet
753Kb / 1P
   Radial Bobbin Inductors
RB30-1R0K-RC ALLIED-RB30-1R0K-RC Datasheet
836Kb / 1P
   Radial Bobbin Inductors
RB30-1R0K-RC ALLIED-RB30-1R0K-RC_10 Datasheet
839Kb / 1P
   Radial Bobbin Inductors
RB20-101K-RC ALLIED-RB20-101K-RC_10 Datasheet
795Kb / 1P
   Radial Bobbin Inductors
RB0807 ALLIED-RB0807 Datasheet
383Kb / 1P
   Radial Bobbin Inductors
RB20-101K-RC ALLIED-RB20-101K-RC Datasheet
781Kb / 1P
   Radial Bobbin Inductors
RB1010-100K-RC ALLIED-RB1010-100K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB0810 ALLIED-RB0810 Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB40-101K-RC ALLIED-RB40-101K-RC Datasheet
753Kb / 1P
   Radial Bobbin Inductors
RB0810-100K-RC ALLIED-RB0810-100K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB20 ALLIED-RB20 Datasheet
795Kb / 1P
   Radial Bobbin Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com