Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV07A Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HD74LV07A
Description  Hex Buffers / Drivers with Open Drain Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV07A Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HD74LV07A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV07A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV07A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV07A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV07A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV07A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV07A Datasheet HTML 9Page - Hitachi Semiconductor HD74LV07A Datasheet HTML 10Page - Hitachi Semiconductor HD74LV07A Datasheet HTML 11Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
HD74LV07A
9
Package Dimensions
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-14DA
Conforms
0.23 g
Unit: mm
Dimension including the plating thickness
Base material dimension
0.42
± 0.08
0.70
± 0.20
0.12
0.15
0
° – 8°
M
10.06
1.42 Max
14
8
1
7
10.5 Max
+ 0.20
– 0.30
7.80
1.15
1.27
0.40
± 0.06


Similar Part No. - HD74LV07A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV07A RENESAS-HD74LV07A Datasheet
94Kb / 8P
   Hex Buffers / Drivers with Open Drain Outputs
HD74LV07AFPEL RENESAS-HD74LV07AFPEL Datasheet
94Kb / 8P
   Hex Buffers / Drivers with Open Drain Outputs
HD74LV07AFPEL RENESAS-HD74LV07AFPEL Datasheet
126Kb / 10P
   Hex Buffers / Drivers with Open Drain Outputs
HD74LV07ARPEL RENESAS-HD74LV07ARPEL Datasheet
94Kb / 8P
   Hex Buffers / Drivers with Open Drain Outputs
HD74LV07ARPEL RENESAS-HD74LV07ARPEL Datasheet
126Kb / 10P
   Hex Buffers / Drivers with Open Drain Outputs
More results

Similar Description - HD74LV07A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC07A TI-SN74LVC07A Datasheet
685Kb / 19P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LVC07A TI-SN54LVC07A Datasheet
395Kb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A Datasheet
314Kb / 11P
[Old version datasheet]   HEX BUFFERS / DRIVERS WITH OPEN - DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV07A RENESAS-HD74LV07A_15 Datasheet
126Kb / 10P
   Hex Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN54LV07A_101 TI-SN54LV07A_101 Datasheet
462Kb / 15P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A_10 Datasheet
463Kb / 15P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A_06 Datasheet
316Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV07A RENESAS-HD74LV07A Datasheet
94Kb / 8P
   Hex Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN74LV07A TI1-SN74LV07A Datasheet
973Kb / 22P
[Old version datasheet]   Hex Buffers/Drivers With Open-Drain Outputs
logo
Unisonic Technologies
U74LVC06A UTC-U74LVC06A Datasheet
162Kb / 5P
   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com