Electronic Components Datasheet Search |
|
SM305022-1R8K-RC Datasheet(PDF) 2 Page - Allied Components International |
|
SM305022-1R8K-RC Datasheet(HTML) 2 Page - Allied Components International |
2 / 2 page SM305022-271K-RC 270 65 5.7 11.00 182 SM305022-301K-RC 300 65 5.4 11.50 178 SM305022-331K-RC 330 65 5.1 12.00 173 SM305022-361K-RC 360 65 4.8 12.50 171 SM305022-391K-RC 390 65 4.5 16.30 149 SM305022-431K-RC 430 65 4.2 17.10 147 SM305022-471K-RC 470 65 3.9 17.90 143 SM305022-511K-RC 500 65 3.7 18.80 139 SM305022-561K-RC 560 65 3.8 19.50 136 SM305022-621K-RC 620 65 3.3 25.90 119 SM305022-681K-RC 680 65 3.1 27.20 116 SM305022-751K-RC 750 65 2.9 28.60 112 SM305022-821K-RC 820 65 2.7 30.00 110 SM305022-911K-RC 910 65 2.5 31.50 107 SM305022-102K-RC 1000 65 2.3 33.00 105 Allied Part Number Rated I (mA) Inductance ( µh) Q Min. DCR Max. SRF (Mhz) All specifications subject to change without notice. SM305022 Molded RF Inductor RoHS ALLIED COMPONENTS INTERNATIONAL 714-665-1140 www.alliedcomponents.com REVISED 07/14/11 Features • RoHS Compliant Tape and Reel for Auto Replacement • Cross to API Delevan 5022 Series • Wide Inductance Range Electrical Inductance Range: .10µh ~ 1,000µh Tolerance: 10% over entire range Test Frequency: 25MHz (.10µH-1.2µH) Operating Temp: Current Rating: Based on a 10% Inductance drop from intial value. Test Equipment (L & Q): HP4342A Q Meter (RDC): CH-301 Current Source & DCR Meter (IDC): CH-301 Current Source & DCR Meter Physical Packaging: 800 / reel. Marking: EIA Inductance Code. -55ºC ~ +125ºC • Resistance to Solder Heat Reflow Soldering: 260ºC 10 seconds Also, available in 5% 7.9MHz (1.2µH - 10µH) .79MHz (110µH - 1000µH) (SRF): HP4191A, HP4291B (Ω) Min. .490 to .520 12.45 to 13.21 .230 to .250 5.84 to 6.35 .210 to .230 5.33 to 5.84 .050 Min 1.27 Min .055 to .095 1.40 to 2.41 Pg 2 of 2 Dimensions: Inches (mm) |
Similar Part No. - SM305022-1R8K-RC |
|
Similar Description - SM305022-1R8K-RC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |