Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV08A Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HD74LV08A
Description  Quad. 2-input AND Gates
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV08A Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HD74LV08A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV08A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV08A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV08A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV08A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV08A Datasheet HTML 9Page - Hitachi Semiconductor HD74LV08A Datasheet HTML 10Page - Hitachi Semiconductor HD74LV08A Datasheet HTML 11Page - Hitachi Semiconductor HD74LV08A Datasheet HTML 12Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HD74LV08A
9
Package Dimensions
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-14DA
Conforms
0.23 g
Unit: mm
Dimension including the plating thickness
Base material dimension
0.42
± 0.08
0.70
± 0.20
0.12
0.15
0
° – 8°
M
10.06
1.42 Max
14
8
1
7
10.5 Max
+ 0.20
– 0.30
7.80
1.15
1.27
0.40
± 0.06


Similar Part No. - HD74LV08A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV08A RENESAS-HD74LV08A Datasheet
65Kb / 8P
   Quad. 2-input AND Gates
HD74LV08AFPEL RENESAS-HD74LV08AFPEL Datasheet
65Kb / 8P
   Quad. 2-input AND Gates
HD74LV08AFPEL RENESAS-HD74LV08AFPEL Datasheet
89Kb / 10P
   Quad. 2-input AND Gates
HD74LV08ARPEL RENESAS-HD74LV08ARPEL Datasheet
65Kb / 8P
   Quad. 2-input AND Gates
HD74LV08ARPEL RENESAS-HD74LV08ARPEL Datasheet
89Kb / 10P
   Quad. 2-input AND Gates
More results

Similar Description - HD74LV08A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC08B RENESAS-RD74LVC08B Datasheet
69Kb / 8P
   Quad. 2-input AND Gates
HD74LV08A RENESAS-HD74LV08A Datasheet
65Kb / 8P
   Quad. 2-input AND Gates
logo
Fairchild Semiconductor
DM74LS08N FAIRCHILD-DM74LS08N Datasheet
59Kb / 5P
   Quad 2-Input AND Gates
logo
Hitachi Semiconductor
HD74HC08 HITACHI-HD74HC08 Datasheet
45Kb / 8P
   Quad. 2-input AND Gates
HD74LVC08 HITACHI-HD74LVC08 Datasheet
35Kb / 7P
   Quad. 2-input AND Gates
logo
Renesas Technology Corp
HD74HC08 RENESAS-HD74HC08 Datasheet
91Kb / 7P
   Quad. 2-input AND Gates
HD74HC08 RENESAS-HD74HC08_15 Datasheet
123Kb / 9P
   Quad. 2-input AND Gates
logo
Unisonic Technologies
UCD4081B UTC-UCD4081B_15 Datasheet
168Kb / 5P
   QUAD 2-INPUT AND GATES
logo
National Semiconductor ...
5408 NSC-5408 Datasheet
92Kb / 4P
   Quad 2-Input AND Gates
logo
Renesas Technology Corp
HD74LV08A RENESAS-HD74LV08A_15 Datasheet
89Kb / 10P
   Quad. 2-input AND Gates
logo
Unisonic Technologies
U74HC08 UTC-U74HC08 Datasheet
151Kb / 5P
   QUAD 2-INPUT AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com