Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELSH-F41Y1-0LPNM-AA4A6 Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # ELSH-F41Y1-0LPNM-AA4A6
Description  Shuen
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSH-F41Y1-0LPNM-AA4A6 Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button ELSH-F41Y1-0LPNM-AA4A6 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELSH-F41Y1-0LPNM-AA4A6 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSH-F41Y1-0LPNM-AA4A6 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSH-F41Y1-0LPNM-AA4A6 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSH-F41Y1-0LPNM-AA4A6 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSH-F41Y1-0LPNM-AA4A6 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSH-F41Y1-0LPNM-AA4A6 Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELSH-F41Y1-0LPNM-AA4A6 Datasheet HTML 10Page - Everlight Electronics Co., Ltd ELSH-F41Y1-0LPNM-AA4A6 Datasheet HTML 11Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
DATASHEET
SMD HP Shuen
1W Series
7
Copyright © 2011, Everlight All Rights Reserved. Release Date: Jul.16.2013. Issue No: DHE-0000751
www.everlight.com
PN of the Shuen High Luminous Series: White LEDs
The table below is a list of part numbers for the Everlight Shuen 1W high luminous series White LED.
All parts listed match ANSI binning standards. Bin offerings of 2700K to 6500K are listed and currently
available. CRI is also listed with min 70 to 80. Typical view angle is 100°
. These clearly listed binning
options allow for proper design and implementation into lighting applications. The Order Codes below are
currently available White Shuen LEDs.
For Example: If you order product using P/N
ELSH-J11C1-0CPGS-C5700, you will get:
White Shuen series LEDs at 350mA are listed below.
Color
Order Code of ELSH
Minimum
Luminous
Flux (lm)
CCT (K)
Wavelength
(nm)
Forward
Voltage
(V)
CRI
(min)
ELSH-J11C1-0CPGS-C6500
100
65K-1~65K-4
2.65~3.55
70
ELSH-J21C1-0VPGS-C6500
110
65K-1~65K-4
2.65~3.55
70
ELSH-J31C1-0VPGS-C6500
120
65K-1~65K-4
2.65~3.55
70
ELSH-J11C1-0VPHS-C6500
100
65K-1~65K-4
2.65~3.55
80
ELSH-J11C1-0CPGS-C5700
100
57K-1~57K-4
2.65~3.55
70
ELSH-J21C1-0VPGS-C5700
110
57K-1~57K-4
2.65~3.55
70
ELSH-J31C1-0VPGS-C5700
120
57K-1~57K-4
2.65~3.55
70
ELSH-J11C1-0VPHS-C5700
100
57K-1~57K-4
2.65~3.55
80
ELSH-F91C1-0CPGS-C5000
90
50K-1~50K-4
2.65~3.55
70
ELSH-J11C1-0VPGS-C5000
100
50K-1~50K-4
2.65~3.55
70
ELSH-J21C1-0CPGS-C5000
110
50K-1~50K-4
2.65~3.55
70
ELSH-J31C1-0CPGS-C5000
120
50K-1~50K-4
2.65~3.55
70
ELSH-F91C1-0CPHS-C5000
90
50K-1~50K-4
2.65~3.55
80
ELSH-F91N1-0CPGS-C4500
90
45K-1~45K-4
2.65~3.55
75
ELSH-J11N1-0VPGS-C4500
100
45K-1~45K-4
2.65~3.55
75
ELSH-F91N1-0CPGS-C4000
90
40K-1~40K-4
2.65~3.55
75
ELSH-J11N1-0VPGS-C4000
100
40K-1~40K-4
2.65~3.55
75
ELSH-F81N1-0VPHS-C4000
80
40K-1~40K-4
2.65~3.55
80
ELSH-F91N1-0CPHS-C4000
90
40K-1~40K-4
2.65~3.55
80
Color
Variant
Radiation
Pattern
CRI
CCT
Forward
Voltage
(V)
Minimum
Luminous
Flux (lm)
Cool
White
Lambertian
70
57K-1 ~ 57K-2
~
57K-3 ~ 57K-4
2.65~2.95(U4)
2.95~3.25(V1)
3.25~3.55(V2)
100
Cool
White
6500
Cool
White
5700
Neutral
White
4500
Neutral
White
4000
Cool
White
5000


Similar Part No. - ELSH-F41Y1-0LPNM-AA4A6

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-F41Y1-0LPNM-AA4A6 EVERLIGHT-ELSH-F41Y1-0LPNM-AA4A6 Datasheet
1Mb / 40P
   Small package with high efficiency
ELSH-F41Y1-0LPNM-AA4A6 EVERLIGHT-ELSH-F41Y1-0LPNM-AA4A6 Datasheet
1Mb / 46P
   LM-80 Certified
More results

Similar Description - ELSH-F41Y1-0LPNM-AA4A6

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-F41Y1-0LPNM-AA3A5 EVERLIGHT-ELSH-F41Y1-0LPNM-AA3A5 Datasheet
2Mb / 45P
   Shuen
ELSH-F81M1-0CPGS-C3500 EVERLIGHT-ELSH-F81M1-0CPGS-C3500 Datasheet
2Mb / 45P
   Shuen
ELSH-F91M1-0VPGS-C3000 EVERLIGHT-ELSH-F91M1-0VPGS-C3000 Datasheet
2Mb / 45P
   Shuen
ELSH-F91N1-0CPGS-C4000 EVERLIGHT-ELSH-F91N1-0CPGS-C4000 Datasheet
2Mb / 45P
   Shuen
ELSH-J41M3-0CPHS-D3500 EVERLIGHT-ELSH-J41M3-0CPHS-D3500 Datasheet
1Mb / 36P
   Shuen
ELSH-J71C3-0CPGS-D5700 EVERLIGHT-ELSH-J71C3-0CPGS-D5700 Datasheet
1Mb / 36P
   Shuen
ELSH-J71C3-0CPHS-D6500 EVERLIGHT-ELSH-J71C3-0CPHS-D6500 Datasheet
1Mb / 36P
   Shuen
ELSH-F91M1-0VPHS-C3000 EVERLIGHT-ELSH-F91M1-0VPHS-C3000 Datasheet
2Mb / 45P
   Shuen
ELSH-J11G3-0LPNM-DG1G3 EVERLIGHT-ELSH-J11G3-0LPNM-DG1G3 Datasheet
1Mb / 36P
   Shuen
ELSH-J31C1-0VPGS-C6500 EVERLIGHT-ELSH-J31C1-0VPGS-C6500 Datasheet
2Mb / 45P
   Shuen
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com