Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FJX3007R Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FJX3007R
Description  NPN Epitaxial Silicon Transistor with Bias Resistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJX3007R Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FJX3007R Datasheet HTML 1Page - Fairchild Semiconductor FJX3007R Datasheet HTML 2Page - Fairchild Semiconductor FJX3007R Datasheet HTML 3Page - Fairchild Semiconductor FJX3007R Datasheet HTML 4Page - Fairchild Semiconductor FJX3007R Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FJX3007R Rev. 1.1.2
2
Thermal Characteristics(1)
Values are at TA = 25°C unless otherwise noted.
Note:
1. PCB size: FR-4 76 x 114 x 0.6T mm3 (3.0 inch x 4.5 inch x 0.062 inch) with minimum land pattern size.
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
Symbol
Parameter
Value
Unit
PD
Power Dissipation
200
mW
Derate Above TA = 25°C
1.60
mW/°C
RθJA
Thermal Resistance, Junction to Ambient
625
°C/W
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVCBO
Collector-Base Breakdown Voltage
IC = 10 μA, IE = 0
50
V
BVCEO
Collector-Emitter Breakdown Voltage
IC = 100 μA, IB = 0
50
V
ICBO
Collector Cut-Off Current
VCB = 40 V, IE = 0
0.1
μA
hFE
DC Current Gain
VCE = 5 V, IC = 5 mA
68
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 10 mA, IB = 0.5 mA
0.3
V
fT
Output Capacitance
VCB = 10 V, IE = 0,
f = 1 MHz
3.7
pF
Cob
Current Gain Bandwidth Product
VCE = 10 V, IC = 5 mA
250
MHz
VI(off)
Input-Off Voltage
VCE = 5 V, IC = 100 μA0.4
V
VI(on)
Input-On Voltage
VCE = 0.3 V, IC = 2 mA
2.5
V
R1
Input Resistor
15
22
29
k
Ω
R1/R2
Resistor Ratio
0.42
0.47
0.52


Similar Part No. - FJX3007R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3007R FAIRCHILD-FJX3007R Datasheet
43Kb / 4P
   Switching Application
logo
ON Semiconductor
FJX3007R ONSEMI-FJX3007R Datasheet
258Kb / 7P
   NPN Epitaxial Silicon Transistor
November 2013 Rev. 1.1.2
More results

Similar Description - FJX3007R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJN3314RTA FAIRCHILD-FJN3314RTA Datasheet
173Kb / 6P
   NPN Epitaxial Silicon Transistor with Bias Resistor
FJV3102RMTF FAIRCHILD-FJV3102RMTF Datasheet
163Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
FJN3303RTA FAIRCHILD-FJN3303RTA Datasheet
161Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
FJV3101RMTF FAIRCHILD-FJV3101RMTF Datasheet
163Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
FJN3302RTA FAIRCHILD-FJN3302RTA Datasheet
161Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
FJV3114RMTF FAIRCHILD-FJV3114RMTF Datasheet
163Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
logo
ON Semiconductor
FJV3102R ONSEMI-FJV3102R Datasheet
241Kb / 7P
   NPN Epitaxial Silicon Transistor with Bias Resistor
November 2013 Rev. 1.1.2
logo
Fairchild Semiconductor
FJV4114RMTF FAIRCHILD-FJV4114RMTF Datasheet
167Kb / 5P
   PNP Epitaxial Silicon Transistor with Bias Resistor
FJX4006RTF FAIRCHILD-FJX4006RTF Datasheet
170Kb / 5P
   PNP Epitaxial Silicon Transistor with Bias Resistor
logo
ON Semiconductor
DTC114E ONSEMI-DTC114E Datasheet
151Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com