Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV132A Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HD74LV132A
Description  Quad. 2-input NAND Schmitt-triggers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV132A Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74LV132A Datasheet HTML 1Page - Hitachi Semiconductor HD74LV132A Datasheet HTML 2Page - Hitachi Semiconductor HD74LV132A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV132A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV132A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV132A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV132A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV132A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV132A Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HD74LV132A
Quad. 2-input NAND Schmitt-triggers
ADE-205-260 (Z)
1st Edition
March 1999
Description
The HD74LV132A has four two-input schmitt tigger NAND gates in a 14-pin package.
Low-voltage and high-speed operation is suitable for the battery-powered products (e.g., notebook
computers), and the low-power consumption extends the battery life.
Features
• V
CC = 2.0 V to 5.5 V operation
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs V
O (Max.) = 5.5 V (@VCC = 0 V)
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.3 V (@VCC = 3.3 V, Ta = 25°C)
• Output current ±6 mA (@V
CC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)
Function Table
Inputs
A
B
Output Y
HHL
LX
H
XL
H
Note:
H: High level
L: Low level
X: Immaterial


Similar Part No. - HD74LV132A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV132A RENESAS-HD74LV132A Datasheet
68Kb / 9P
   Quad. 2-input NAND Schmitt-triggers
HD74LV132AFPEL RENESAS-HD74LV132AFPEL Datasheet
68Kb / 9P
   Quad. 2-input NAND Schmitt-triggers
HD74LV132AFPEL RENESAS-HD74LV132AFPEL Datasheet
92Kb / 11P
   Quad. 2-input NAND Schmitt-triggers
HD74LV132ARPEL RENESAS-HD74LV132ARPEL Datasheet
68Kb / 9P
   Quad. 2-input NAND Schmitt-triggers
HD74LV132ARPEL RENESAS-HD74LV132ARPEL Datasheet
92Kb / 11P
   Quad. 2-input NAND Schmitt-triggers
More results

Similar Description - HD74LV132A

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4093B SLS-SL4093B Datasheet
37Kb / 5P
   Quad 2-Input NAND Schmitt Triggers
logo
Renesas Technology Corp
HD74LV132A RENESAS-HD74LV132A Datasheet
68Kb / 9P
   Quad. 2-input NAND Schmitt-triggers
logo
Toshiba Semiconductor
TC4093BP TOSHIBA-TC4093BP_07 Datasheet
265Kb / 8P
   Quad 2-Input NAND Schmitt Triggers
logo
Micro Electronics
MMC4093 MICRO-ELECTRONICS-MMC4093 Datasheet
133Kb / 4P
   QUAD 2 INPUT NAND SCHMITT TRIGGERS
logo
Toshiba Semiconductor
TC4093BP TOSHIBA-TC4093BP Datasheet
222Kb / 5P
   QUAD 2-INPUT NAND SCHMITT TRIGGERS
logo
Hitachi Semiconductor
HD74HC132 HITACHI-HD74HC132 Datasheet
41Kb / 7P
   Quad. 2-input NAND Schmitt Triggers
logo
Renesas Technology Corp
HD74LV132A RENESAS-HD74LV132A_15 Datasheet
92Kb / 11P
   Quad. 2-input NAND Schmitt-triggers
HD74HC132 RENESAS-HD74HC132 Datasheet
86Kb / 7P
   Quad. 2-input NAND Schmitt Triggers
logo
Texas Instruments
CD4093B TI1-CD4093B_15 Datasheet
978Kb / 17P
[Old version datasheet]   CMOS Quad 2-Input NAND Schmitt Triggers
logo
Intersil Corporation
CD4093BMS INTERSIL-CD4093BMS Datasheet
77Kb / 9P
   CMOS Quad 2-Input NAND Schmitt Triggers
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com