Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLS-24-072T Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SLS-24-072T
Description  Silver Line Series ??Single Multi-Output Linears
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLS-24-072T Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SLS-24-072T Datasheet HTML 1Page - List of Unclassifed Manufacturers SLS-24-072T Datasheet HTML 2Page - List of Unclassifed Manufacturers SLS-24-072T Datasheet HTML 3Page - List of Unclassifed Manufacturers SLS-24-072T Datasheet HTML 4Page - List of Unclassifed Manufacturers SLS-24-072T Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Power Supplies
3
Contact
Technical Services at (800) 377-4384 with any questions.
Visit our website at www.solahd.com.
145
SL Series Selection Table
Catalog Number
Output 1
Output 2
Output 3
Case
SLS-05-030-1T
5 V @ 3 A * 2
A
SLS-05-060-1T
5 V @ 6 A * 2
B1
SLS-05-090-1T
5 V @ 9 A * 2
C
SLS-05-120-1T
5 V @ 12 A * 2
I2
SLS-12-017T1
12 V @ 1.7 A 2 or
15 V @ 1.5 A
A
SLS-12-034T
12 V @ 3.4 A 2
B1
SLS-12-051T
12 V @ 5.1 A 2
C
SLS-12-068T
12 V @ 6.8 A 2
I2
SLS-15-045T
15 V @ 4.5 A 2
C
SLS-15-060T
15 V @ 6 A 2
I2
SLS-24-012T
24 V @ 1.2 A v
A
SLS-24-024T
24 V @ 2.4 A 2
B2
SLS-24-036T
24 V @ 3.6 A 2
C
SLS-24-048T
24 V @ 4.8 A 2
I2
SLS-24-072T
24 V @ 7.2 A 2
K
SLS-24-120T
24 V @ 12.0 A 2
L
SLD-12-1010-12T 1
12 V @ 1 A or
15 V @ .8 A
-12 V @ 1 A or
-15 V @ .8
H1
SLD-12-1818-12T 1
12 V @ 1.8 A or
15 V @ 1.5 A
-12 V @ 1.8 A or
-15 V @ 1.5 A
D
SLD-12-3434-12T
12 V @ 3.4 A 2
-12 V @ 3.4 A 2
I3
SLD-15-3030-15T
15 V @ 3 A 2
-15 V @ 3 A 2
I3
SLD-12-6034-05T
5 V @ 6 A * 2
12 V @ 3.4 A 2
I1
SLD-12-3015-05T
5 V @ 3 A * 2
12 V@ 1.5 A
C1
SLT 12-20404-12T 1
5 V @ 2 A * 2
12 V @ .4 A or
15 V @ .4 A
-12 V @ .4 A or
-15 V @ .4 A
H2
SLT 12-31010-12T1
5 V @ 3 A * 2
12 V @ 1 A 2 or
15 V @ .8 A
-12 V @ 1 A 2
or -15 V @ .8 A
F
SLT 12-61818-12T1
5V @ 6A * 2
12 V @1.8 A or
15 V @1.5 A
-12 V @ 1.8
A or -15 V @
1.5 A
G2
Over Voltage Protector (OVP)
SLO-12-000-1
6.2 V to 34 V
Adjustable @ 8 A
For Cases B through K
J1
SLO-12-000-TB
6.2 V to 34 V
Adjustable @ 8 A
For Case A or Cases B through K
(when used with a cover)
J2
Notes:
*
With Built-In OVP
1. 12/15 Volt models are factory set for 12 Volt operation. 15 Volt operation
is field adjustable.
2. With Remote Sense (R.S.)
Dimensions - inches (mm)
Case A
Case B
Cover Options
Note:
Covers are sold separately. When used, derate the power supply by 15%
of its rated value.
Catalog
Number
Description
Catalog
Number
Description
SLCASA-CVR
Cover for Case A
SLCASI-CVR
Cover for Cases
I1, I2, & I3
SLCASB-CVR
Cover for Case B
SLCASK-CVR
Cover for Case K
SLCASC-CVR
Cover for Case C
SLCASL-CVR
Cover for Case L


Similar Part No. - SLS-24-072T

ManufacturerPart #DatasheetDescription
logo
SHINMEI ELECTRIC CO., L...
SLS-24-730-1 SHINMEI-SLS-24-730-1 Datasheet
82Kb / 2P
   High Current Slide Switch
More results

Similar Description - SLS-24-072T

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MB5-3-OV-A SLPOWER-MB5-3-OV-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
logo
List of Unclassifed Man...
HBB5-3-OV-AG ETC2-HBB5-3-OV-AG Datasheet
374Kb / 7P
   Commercial/Medical International Linears
logo
Astec America, Inc
ATV351 ASTEC-ATV351 Datasheet
665Kb / 4P
   15-115 Watts LINEARS
logo
List of Unclassifed Man...
HC24-24-A ETC2-HC24-24-A Datasheet
374Kb / 7P
   Commercial/Medical International Linears
logo
International Rectifier
IR3580 IRF-IR3580_15 Datasheet
322Kb / 7P
   Single Output Digital Multi-Phase Controller
IR3563A IRF-IR3563A Datasheet
417Kb / 4P
   Single Output Digital Multi-Phase Controller
IR3563A IRF-IR3563A_15 Datasheet
408Kb / 4P
   Single Output Digital Multi-Phase Controller
logo
Integrated Power Design...
REL-70 IPDPOWER-REL-70 Datasheet
365Kb / 2P
   70 WATTS SINGLE/MULTI OUTPUT AC-DC
REL-110 IPDPOWER-REL-110 Datasheet
357Kb / 2P
   110 WATTS SINGLE/MULTI OUTPUT AC-DC
DC2-110 IPDPOWER-DC2-110 Datasheet
399Kb / 2P
   110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com