Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV166A Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HD74LV166A
Description  Parallel-Load 8-bit Shift Register
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV166A Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HD74LV166A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV166A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV166A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV166A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV166A Datasheet HTML 9Page - Hitachi Semiconductor HD74LV166A Datasheet HTML 10Page - Hitachi Semiconductor HD74LV166A Datasheet HTML 11Page - Hitachi Semiconductor HD74LV166A Datasheet HTML 12Page - Hitachi Semiconductor HD74LV166A Datasheet HTML 13Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
HD74LV166A
9
Switching Characteristics (cont)
• V
CC = 3.3 ± 0.3 V
Ta = 25
°C
Ta = –40 to 85
°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
Maximum
clock
frequency
fmax
65
115
55
MHz
C
L = 15 pF
60
90
50
C
L = 50 pF
Propa-
gation
delay time
t
PLH/tPHL
8.6
15.4
1.0
18.0
ns
C
L = 15 pF
CLK
Q
H
10.9
18.9
1.0
21.5
C
L = 50 pF
t
PHL
7.9
12.5
1.0
15.0
C
L = 15 pF
CLR
10.4
16.3
1.0
18.5
C
L = 50 pF
Setup time
t
su
5.0
5.0
ns
CLK INH before CLK
5.0
6.0
Data before CLK
5.0
6.0
ns
SH/
LD high before CLK
5.0
6.0
SER before CLK
Hold time
t
h
0.0
0.0
ns
PAR data after SH/
LD
0.0
0.0
SER data after CLK
0.0
0.0
SH/LD high after CLK
Pulse
width
t
w
6.0
7.0
ns
CLR low
6.0
7.0
CLK H or L


Similar Part No. - HD74LV166A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A Datasheet
88Kb / 10P
   Parallel-Load 8-bit Shift Register
HD74LV166A7 RENESAS-HD74LV166A7 Datasheet
108Kb / 10P
   Parallel-Load 8-bit Shift Register
HD74LV166AFPEL RENESAS-HD74LV166AFPEL Datasheet
88Kb / 10P
   Parallel-Load 8-bit Shift Register
HD74LV166AFPEL RENESAS-HD74LV166AFPEL Datasheet
108Kb / 10P
   Parallel-Load 8-bit Shift Register
HD74LV166AFPEL RENESAS-HD74LV166AFPEL Datasheet
108Kb / 10P
   Parallel-Load 8-bit Shift Register
More results

Similar Description - HD74LV166A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC166 HITACHI-HD74HC166 Datasheet
57Kb / 10P
   Parallel-load 8-bit Shift Register
logo
Unisonic Technologies
U74HC165 UTC-U74HC165_15 Datasheet
276Kb / 7P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
U74HCT165 UTC-U74HCT165_15 Datasheet
259Kb / 8P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Texas Instruments
SN74HC166A-Q1 TI1-SN74HC166A-Q1 Datasheet
620Kb / 16P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
SN74HC166A-EP TI1-SN74HC166A-EP Datasheet
384Kb / 13P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A_10 Datasheet
108Kb / 10P
   Parallel-Load 8-bit Shift Register
logo
Hitachi Semiconductor
HD74LV165A HITACHI-HD74LV165A Datasheet
75Kb / 17P
   Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_08 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A Datasheet
88Kb / 10P
   Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_07 Datasheet
505Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com