Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V375C8H100B2 Datasheet(PDF) 1 Page - Vicor Corporation

Part # V375C8H100B2
Description  DC-DC Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V375C8H100B2 Datasheet(HTML) 1 Page - Vicor Corporation

  V375C8H100B2 Datasheet HTML 1Page - Vicor Corporation V375C8H100B2 Datasheet HTML 2Page - Vicor Corporation V375C8H100B2 Datasheet HTML 3Page - Vicor Corporation V375C8H100B2 Datasheet HTML 4Page - Vicor Corporation V375C8H100B2 Datasheet HTML 5Page - Vicor Corporation V375C8H100B2 Datasheet HTML 6Page - Vicor Corporation V375C8H100B2 Datasheet HTML 7Page - Vicor Corporation V375C8H100B2 Datasheet HTML 8Page - Vicor Corporation V375C8H100B2 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
375 V Input
Micro Family
DC-DC Converter Module
375 V Micro Family
Rev 8.8
vicorpower.com
Page 1 of 13
09/2014
800 927.9474
Absolute Maximum Ratings
Features
DC input range: 250 – 425 V
Isolated output
Input surge withstand: 500 V for 100 ms
DC output: 2 – 48 V
Programmable output: 10 to 110%
Regulation: ±0.5% no load to full load
Efficiency: Up to 88%
Maximum operating temp: 100°C, full load
Power density: up to 90 W per cubic inch
Height above board: 0.43 in. (10,9 mm)
Parallelable, with N+M fault tolerance
Low noise ZCS/ZVS architecture
RoHS Compliant (with F or G pin option)
Product Overview
These DC-DC converter modules use
advanced power processing, control and
packaging technologies to provide the
performance, flexibility, reliability and cost
effectiveness of a mature power component.
High frequency ZCS/ZVS switching
provides high power density with low
noise and high efficiency.
Parameter
Rating
Unit
Notes
+In to –In voltage
-0.5 to +525
Vdc
PC to –In voltage
-0.5 to +7.0
Vdc
PR to –In voltage
-0.5 to +7.0
Vdc
SC to -Out voltage
-0.5 to +1.5
Vdc
Isolation voltage
in to out
3000
Vrms
Test voltage
in to base
1500
Vrms
Test voltage
out to base
500
Vrms
Test voltage
Operating Temperature
-55 to +100
°C
M-Grade
Storage Temperature
-65 to +125
°C
M-Grade
Pin soldering temperature
500 (260)
°F (°C)
<5 sec; wave solder
Pin soldering temperature
750 (390)
°F (°C)
<7 sec; hand solder
Mounting torque
5 (0.57)
in-lbs (N-m)
6 each
Output Voltage
2 =N/A
3 V 3 =3.3 V
5 =5 V
8 =8 V
12 = 12 V
15 = 15 V
24 = 24 V
28 = 28 V
36 = 36 V
48 = 48 V
Output Power
Vout
Pout
2 V
50 W
3.3 V
50 W, 75 W
5 V
50 W, 100 W
8 V
100 W
12 V
75 W, 150 W
15 V
75 W, 150 W
24 V
75 W, 150 W
28 V
75 W, 150 W
36 V
75 W, 150 W
48 V
75 W, 150 W
Part Numbering
e.g. V375C12T150BL2
V375C
B
Product Grade Temperatures (°C)
Grade
Operating
Storage
E
=
- 10 to +100
- 20 to +125
C
=
- 20 to +100
- 40 to +125
T
=
- 40 to +100
- 40 to +125
H
=
- 40 to +100
- 55 to +125
M
=
- 55 to +100
- 65 to +125
Pin Style
Finish
Blank: Short
Tin/Lead
L: Long
Tin/Lead
S: Short ModuMate
Gold
N: Long ModuMate
Gold
F: Short RoHS
Gold
G: Long RoHS
Gold
K: Extra Long RoHS
Gold
Baseplate
Blank: Slotted
2: Threaded
3: Through-hole
Applications
Industrial and process control, distributed power, medical, ATE, communications,
defense, aerospace.
For details on proper operation please refer to:
Design Guide & Applications Manual for Maxi, Mini, Micro Family.
Actual size:
2.28 x 1.45 x 0.5 in
57,9 x 36,8 x 12,7 mm
S
NRTL
CUS
C
US
®


Similar Part No. - V375C8H100B2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375C12C150A VICOR-V375C12C150A Datasheet
175Kb / 8P
   375Vin / 24Vout / 150Watts DC-DC Converter Module
V375C12C150A VICOR-V375C12C150A Datasheet
172Kb / 8P
   375Vin / 5Vout / 100Watts DC-DC Converter Module
V375C12C150A VICOR-V375C12C150A Datasheet
180Kb / 8P
   375Vin / 2Vout / 50Watts DC-DC Converter Module
V375C12C150B VICOR-V375C12C150B Datasheet
142Kb / 8P
   375Vin / 12Vout / 150Watts DC-DC Converter Module
V375C12C150BF2 VICOR-V375C12C150BF2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
More results

Similar Description - V375C8H100B2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2_16 Datasheet
596Kb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
   DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
   DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
   DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com