Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V375C8H100B2 Datasheet(PDF) 4 Page - Vicor Corporation

Part # V375C8H100B2
Description  DC-DC Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V375C8H100B2 Datasheet(HTML) 4 Page - Vicor Corporation

  V375C8H100B2 Datasheet HTML 1Page - Vicor Corporation V375C8H100B2 Datasheet HTML 2Page - Vicor Corporation V375C8H100B2 Datasheet HTML 3Page - Vicor Corporation V375C8H100B2 Datasheet HTML 4Page - Vicor Corporation V375C8H100B2 Datasheet HTML 5Page - Vicor Corporation V375C8H100B2 Datasheet HTML 6Page - Vicor Corporation V375C8H100B2 Datasheet HTML 7Page - Vicor Corporation V375C8H100B2 Datasheet HTML 8Page - Vicor Corporation V375C8H100B2 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
375 V Micro Family
Rev 8.8
vicorpower.com
Page 4 of 13
09/2014
800 927.9474
375 V Input
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
79.0
80.5
%
Nominal input; full load; 25°C
Ripple and noise
94
118
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP setpoint
4.14
4.3
4.46
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
3.9
5.9
Watts
No load
Load regulation
±0.02
±0.4
%
No load to full load; nominal input
Load current
0
22.7
Amps
Current limit
23.1
24.6
30.6
Amps
Output voltage 95% of nominal
Short circuit current
15.8
24.6
30.6
Amps
Output voltage <250 mV
MODULE SPECIFIC OPERATING SPECIFICATIONS
3.3 Vout, 75 W (e.g. V375C3V3C75BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
72
73.9
%
Nominal input; full load; 25°C
Ripple and noise
80
100
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP setpoint
2.7
2.8
2.9
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
2.5
3.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
25
Amps
Current limit
25.5
28.8
33.8
Amps
Output voltage 95% of nominal
Short circuit current
17.5
28.8
33.8
Amps
Output voltage <250 mV
2 Vout, 50 W (e.g. V375C2C50BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
75.7
77
%
Nominal input; full load; 25°C
Ripple and noise
140
175
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP setpoint
4.14
4.3
4.46
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
3.4
4
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
15.15
Amps
Current limit
15.5
17.5
20.6
Amps
Output voltage 95% of nominal
Short circuit current
10.6
17.5
20.6
Amps
Output voltage <250 mV
3.3 Vout, 50 W (e.g. V375C3V3C50BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
80
81.8
%
Nominal input; full load; 25°C
Ripple and noise
120
150
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP setpoint
6.03
6.25
6.47
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
3.1
5.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
20
Amps
Current limit
20.4
23
26
Amps
Output voltage 95% of nominal
Short circuit current
14
23
26
Amps
Output voltage <250 mV
5 Vout, 100 W (e.g. V375C5C100BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
79.5
80.9
%
Nominal input; full load; 25°C
Ripple and noise
120
150
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP setpoint
6.03
6.25
6.47
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, standby
2.7
3.4
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
10
Amps
Current limit
10.2
11.5
13.5
Amps
Output voltage 95% of nominal
Short circuit current
7
11.5
13.5
Amps
Output voltage <250 mV
5 Vout, 50 W (e.g. V375C5C50BL)


Similar Part No. - V375C8H100B2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375C12C150A VICOR-V375C12C150A Datasheet
175Kb / 8P
   375Vin / 24Vout / 150Watts DC-DC Converter Module
V375C12C150A VICOR-V375C12C150A Datasheet
172Kb / 8P
   375Vin / 5Vout / 100Watts DC-DC Converter Module
V375C12C150A VICOR-V375C12C150A Datasheet
180Kb / 8P
   375Vin / 2Vout / 50Watts DC-DC Converter Module
V375C12C150B VICOR-V375C12C150B Datasheet
142Kb / 8P
   375Vin / 12Vout / 150Watts DC-DC Converter Module
V375C12C150BF2 VICOR-V375C12C150BF2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
More results

Similar Description - V375C8H100B2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2_16 Datasheet
596Kb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
   DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
   DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
   DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com