Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV21A Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HD74LV21A
Description  Dual 4-input Positive AND Gates
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV21A Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HD74LV21A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV21A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV21A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV21A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV21A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV21A Datasheet HTML 9Page - Hitachi Semiconductor HD74LV21A Datasheet HTML 10Page - Hitachi Semiconductor HD74LV21A Datasheet HTML 11Page - Hitachi Semiconductor HD74LV21A Datasheet HTML 12Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HD74LV21A
9
Package Dimensions
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-14DA
Conforms
0.23 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
*0.42
± 0.08
0.70
± 0.20
0.12
0.15
0
° – 8°
M
10.06
1.42 Max
14
8
1
7
10.5 Max
+ 0.20
– 0.30
7.80
1.15
1.27
0.40
± 0.06


Similar Part No. - HD74LV21A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV21A RENESAS-HD74LV21A Datasheet
70Kb / 9P
   Dual 4-input Positive AND Gates
HD74LV21AFPEL RENESAS-HD74LV21AFPEL Datasheet
70Kb / 9P
   Dual 4-input Positive AND Gates
HD74LV21AFPEL RENESAS-HD74LV21AFPEL Datasheet
105Kb / 11P
   Dual 4-input Positive AND Gates
HD74LV21ARPEL RENESAS-HD74LV21ARPEL Datasheet
70Kb / 9P
   Dual 4-input Positive AND Gates
HD74LV21ARPEL RENESAS-HD74LV21ARPEL Datasheet
105Kb / 11P
   Dual 4-input Positive AND Gates
More results

Similar Description - HD74LV21A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD74LS21 ETC1-GD74LS21 Datasheet
96Kb / 2P
   DUAL 4-INPUT POSITIVE AND GATES
logo
Renesas Technology Corp
HD74LS21 RENESAS-HD74LS21 Datasheet
55Kb / 5P
   Dual 4-input Positive AND Gates
logo
Texas Instruments
SN54LS21 TI1-SN54LS21_15 Datasheet
840Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54ALS21A TI1-SN54ALS21A_18 Datasheet
1Mb / 17P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54LS21 TI-SN54LS21 Datasheet
509Kb / 12P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54F21 TI-SN54F21 Datasheet
67Kb / 5P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54LV21A TI-SN54LV21A_04 Datasheet
318Kb / 11P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54F21 TI1-SN54F21_12 Datasheet
388Kb / 6P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LV21A RENESAS-HD74LV21A Datasheet
70Kb / 9P
   Dual 4-input Positive AND Gates
logo
Texas Instruments
54AC11021 TI-54AC11021 Datasheet
64Kb / 5P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com