Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV21A Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HD74LV21A
Description  Dual 4-input Positive AND Gates
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV21A Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HD74LV21A Datasheet HTML 1Page - Hitachi Semiconductor HD74LV21A Datasheet HTML 2Page - Hitachi Semiconductor HD74LV21A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV21A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV21A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV21A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV21A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV21A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV21A Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
HD74LV21A
3
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage range
V
CC
–0.5 to 7.0
V
Input voltage range*
1
V
I
–0.5 to 7.0
V
Output voltage range*
1, 2
V
O
–0.5 to V
CC + 0.5
V
Output: H or L
–0.5 to 7.0
V
CC: OFF
Input clamp current
I
IK
–20
mA
V
I < 0
Output clamp current
I
OK
±50
mA
V
O < 0 or VO > VCC
Continuous output current
I
O
±25
mA
V
O = 0 to VCC
Continuous current through
V
CC or GND
I
CC or IGND
±50
mA
Maximum power dissipation
at Ta = 25
°C (in still air)*3
P
T
785
mW
SOP
500
TSSOP
Storage temperature
Tstg
–65 to 150
°C
Notes: The absolute maximum ratings are values which must not individually be exceeded, and furthermore,
no two of which may be realized at the same time.
1. The input and output voltage ratings may be exceeded even if the input and output clamp-current
ratings are observed.
2. This value is limited to 5.5 V maximum.
3. The maximum package power dissipation was calculated using a junction temperature of 150
°C.


Similar Part No. - HD74LV21A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV21A RENESAS-HD74LV21A Datasheet
70Kb / 9P
   Dual 4-input Positive AND Gates
HD74LV21AFPEL RENESAS-HD74LV21AFPEL Datasheet
70Kb / 9P
   Dual 4-input Positive AND Gates
HD74LV21AFPEL RENESAS-HD74LV21AFPEL Datasheet
105Kb / 11P
   Dual 4-input Positive AND Gates
HD74LV21ARPEL RENESAS-HD74LV21ARPEL Datasheet
70Kb / 9P
   Dual 4-input Positive AND Gates
HD74LV21ARPEL RENESAS-HD74LV21ARPEL Datasheet
105Kb / 11P
   Dual 4-input Positive AND Gates
More results

Similar Description - HD74LV21A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD74LS21 ETC1-GD74LS21 Datasheet
96Kb / 2P
   DUAL 4-INPUT POSITIVE AND GATES
logo
Renesas Technology Corp
HD74LS21 RENESAS-HD74LS21 Datasheet
55Kb / 5P
   Dual 4-input Positive AND Gates
logo
Texas Instruments
SN54LS21 TI1-SN54LS21_15 Datasheet
840Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54ALS21A TI1-SN54ALS21A_18 Datasheet
1Mb / 17P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54LS21 TI-SN54LS21 Datasheet
509Kb / 12P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54F21 TI-SN54F21 Datasheet
67Kb / 5P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54LV21A TI-SN54LV21A_04 Datasheet
318Kb / 11P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54F21 TI1-SN54F21_12 Datasheet
388Kb / 6P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LV21A RENESAS-HD74LV21A Datasheet
70Kb / 9P
   Dual 4-input Positive AND Gates
logo
Texas Instruments
54AC11021 TI-54AC11021 Datasheet
64Kb / 5P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com