Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN06SP13TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN06SP13TR
Description  HIGH SIDE SMART POWER SOLID STATE RELAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN06SP13TR Datasheet(HTML) 1 Page - STMicroelectronics

  VN06SP13TR Datasheet HTML 1Page - STMicroelectronics VN06SP13TR Datasheet HTML 2Page - STMicroelectronics VN06SP13TR Datasheet HTML 3Page - STMicroelectronics VN06SP13TR Datasheet HTML 4Page - STMicroelectronics VN06SP13TR Datasheet HTML 5Page - STMicroelectronics VN06SP13TR Datasheet HTML 6Page - STMicroelectronics VN06SP13TR Datasheet HTML 7Page - STMicroelectronics VN06SP13TR Datasheet HTML 8Page - STMicroelectronics VN06SP13TR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VN06SP
HIGH SIDE SMART POWER SOLID STATE RELAY
September 2013
TYPE
VDSS
RDS(on)
In(*)
VCC
VN06SP
60 V
0.18
1.9 A
26 V
s
MAXIMUM CONTINUOUS OUTPUT
CURRENT (#):9 A @ Tc=85
oC
s
5 V LOGIC LEVEL COMPATIBLE INPUT
s
THERMAL SHUT-DOWN
s
UNDER VOLTAGE PROTECTION
s
OPEN DRAIN DIAGNOSTIC OUTPUT
s
INDUCTIVE LOAD FAST
DEMAGNETIZATION
s
VERY LOW STAND-BY POWER
DISSIPATION
DESCRIPTION
The VN06SP is a monolithic device made using
STMicroelectronics
VIPower
Technology,
intended for driving resistive or inductive loads
with one side grounded.
Built-in thermal shut-down protects the chip from
over temperature and short circuit.
The open drain diagnostic output indicates: open
load in off state, and in on state, output shorted to
VCC and overtemperature. Fast demagnetization
of inductive loads is archivied by negative (-18V)
load voltage at turn-off.
®
1
10
PowerSO-10
(*) In = Nominal current according to ISO definition for high side automotive switch (see note 1)
(#) The maximum continuous output current is the the current at Tc = 85
oC for a battery voltage of 13V which does not activate self
protection.
1/9


Similar Part No. - VN06SP13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN06SP STMICROELECTRONICS-VN06SP Datasheet
219Kb / 9P
   HIGH SIDE SMART POWER SOLID STATE RELAY
More results

Similar Description - VN06SP13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN02HSP STMICROELECTRONICS-VN02HSP Datasheet
181Kb / 8P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN220 STMICROELECTRONICS-VN220 Datasheet
74Kb / 10P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN30NSP STMICROELECTRONICS-VN30NSP Datasheet
64Kb / 8P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN540 STMICROELECTRONICS-VN540 Datasheet
85Kb / 11P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
   High side smart power solid state relay
VN05H STMICROELECTRONICS-VN05H Datasheet
227Kb / 10P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN06SP STMICROELECTRONICS-VN06SP Datasheet
219Kb / 9P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN02N-E STMICROELECTRONICS-VN02N-E Datasheet
251Kb / 16P
   High side smart power solid state relay
VN05NSP STMICROELECTRONICS-VN05NSP Datasheet
97Kb / 9P
   HIGH SIDE SMART POWER SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com