Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NEZ1011-8E Datasheet(PDF) 6 Page - NEC

Part # NEZ1011-8E
Description  8W X, Ku-BAND POWER GaAs MESFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NEZ1011-8E Datasheet(HTML) 6 Page - NEC

Back Button NEZ1011-8E Datasheet HTML 2Page - NEC NEZ1011-8E Datasheet HTML 3Page - NEC NEZ1011-8E Datasheet HTML 4Page - NEC NEZ1011-8E Datasheet HTML 5Page - NEC NEZ1011-8E Datasheet HTML 6Page - NEC NEZ1011-8E Datasheet HTML 7Page - NEC NEZ1011-8E Datasheet HTML 8Page - NEC NEZ1011-8E Datasheet HTML 9Page - NEC NEZ1011-8E Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
NEZ1011-8E, NEZ1414-8E
[NEZ1414-8E] TYPICAL CHARACTERISTICS (TA = 25°C)
+40
+35
+30
+25
100
80
60
40
20
0
+20
+25
+30
+35
Pin - Input Power - dBm
TEST CONDITIONS
Vds
Ids
: 9.0 (V)
: 2.8 (A)
OUTPUT POWER, DRAIN CURRENT AND EFFICIENCY
vs. INPUT POWER
Pout
add
η


Similar Part No. - NEZ1011-8E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NEZ1011-8E RENESAS-NEZ1011-8E Datasheet
162Kb / 6P
   GaAs MES FET
1997
More results

Similar Description - NEZ1011-8E

ManufacturerPart #DatasheetDescription
logo
NEC
NEZ1011-2E NEC-NEZ1011-2E Datasheet
81Kb / 12P
   2W X, Ku-BAND POWER GaAs MESFET
logo
California Eastern Labs
NE960R275 CEL-NE960R275 Datasheet
30Kb / 3P
   0.2W X, Ku-BAND POWER GaAs MESFET
logo
NEC
NEZ1011-4E NEC-NEZ1011-4E Datasheet
82Kb / 12P
   4W X, Ku-BAND POWER GaAs MESFET
NE960R275 NEC-NE960R275_01 Datasheet
29Kb / 3P
   0.2W X, Ku-BAND POWER GaAs MESFET
NE9000 NEC-NE9000 Datasheet
71Kb / 5P
   Ku-BAND MEDIUM POWER GaAs MESFET
NE13700 NEC-NE13700 Datasheet
194Kb / 5P
   LOW NOISE KU-BAND GAAS MESFET
NE710 NEC-NE710 Datasheet
279Kb / 7P
   LOW NOISE Ku-K BAND GaAs MESFET
NE760 NEC-NE760 Datasheet
276Kb / 7P
   LOW NOISE KU-K BAND GAAS MESFET
logo
Infineon Technologies A...
CFY27 INFINEON-CFY27 Datasheet
572Kb / 8P
   HiRel Ku-Band GaAs General Purpose MESFET
September 99
CLX30 INFINEON-CLX30 Datasheet
640Kb / 9P
   HiRel X-Band GaAs Power-MESFET
September 99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com