Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39504-0003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39504-0003
Description  3.50mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 3 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39504-0003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39504-0003 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/06/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39504-0003
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
3.50mm Pitch Eurostyle™ Horizontal Plug, with Retention Screws, 3 Circuits
Documents:
3D Model
Product Specification PS-39500-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
39504
Application
N/A
Component Type
Plug
Overview
Eurostyle™ Terminal Blocks
Product Name
ESE, Eurostyle™Pluggable
Type
Euro Block
UPC
822350440042
Physical
Circuits (Loaded)
3
Entry Angle
Vertical
Lock to Mating Part
Yes
Number of Rows
1
Orientation
Horizontal
Panel Mount
No
Pitch - Mating Interface
3.50mm
Pitch - Termination Interface
3.50mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
16, 18, 20, 22, 24, 26, 28, 30
Wire Size mm²
0.05 - 1.31
Electrical
Current - Maximum per Contact
8A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Product Specification
PS-39500-001
Sales Drawing
SD-39504-001
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39504Series
Mates With
Most 3.50mm Pitch Industry Standard
PCB Headers, 39505 Vertical PCB Header
with Threaded Retention Inserts, 39506
Horizontal PCB Header with Threaded
Retention Inserts
This document was generated on 10/06/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 39504-0003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39504-0002 MOLEX11-39504-0002 Datasheet
44Kb / 1P
   3.50mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 2 Circuits
39504-0004 MOLEX11-39504-0004 Datasheet
41Kb / 1P
   3.50mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 4 Circuits
39504-0005 MOLEX11-39504-0005 Datasheet
41Kb / 1P
   3.50mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 5 Circuits
39504-0006 MOLEX11-39504-0006 Datasheet
41Kb / 1P
   3.50mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 6 Circuits
39504-0007 MOLEX11-39504-0007 Datasheet
41Kb / 1P
   3.50mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 7 Circuits
More results

Similar Description - 39504-0003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395040003 MOLEX5-0395040003 Datasheet
188Kb / 3P
   3.50mm (.138") Pitch Eurostyle??Horizontal Plug, with Retention Screws, 3 Circuits
39504-0008 MOLEX11-39504-0008 Datasheet
41Kb / 1P
   3.50mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 8 Circuits
39504-0014 MOLEX11-39504-0014 Datasheet
44Kb / 1P
   3.50mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 14 Circuits
39504-0018 MOLEX11-39504-0018 Datasheet
44Kb / 1P
   3.50mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 18 Circuits
39504-0020 MOLEX11-39504-0020 Datasheet
44Kb / 1P
   3.50mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 20 Circuits
39504-0007 MOLEX11-39504-0007 Datasheet
41Kb / 1P
   3.50mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 7 Circuits
39504-0010 MOLEX11-39504-0010 Datasheet
41Kb / 1P
   3.50mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 10 Circuits
39504-0005 MOLEX11-39504-0005 Datasheet
41Kb / 1P
   3.50mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 5 Circuits
39504-0004 MOLEX11-39504-0004 Datasheet
41Kb / 1P
   3.50mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 4 Circuits
39504-0015 MOLEX11-39504-0015 Datasheet
44Kb / 1P
   3.50mm Pitch Eurostyle Horizontal Plug, with Retention Screws, 15 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com