Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F280SCX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74F280SCX
Description  9-Bit Parity Generator/Checker
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F280SCX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74F280SCX Datasheet HTML 1Page - Fairchild Semiconductor 74F280SCX Datasheet HTML 2Page - Fairchild Semiconductor 74F280SCX Datasheet HTML 3Page - Fairchild Semiconductor 74F280SCX Datasheet HTML 4Page - Fairchild Semiconductor 74F280SCX Datasheet HTML 5Page - Fairchild Semiconductor 74F280SCX Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
AC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
ESD Last Passing Voltage (Min)
4000V
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH
10% VCC
2.5
V
Min
IOH = −1 mA
Voltage
5% VCC
2.7
IOH = −1 mA
VOL
Output LOW Voltage
10% VCC
0.5
V
Min
IOL = 20 mA
IIH
Input HIGH
5.0
µAMax
VIN = 2.7V
Current
IBVI
Input HIGH Current
7.0
µAMax
VIN = 7.0V
Breakdown Test
ICEX
Output HIGH
50
µAMax
VOUT = VCC
Leakage Current
VID
Input Leakage
4.75
V
0.0
IID = 1.9 µA
Test
All Other Pins Grounded
IOD
Output Leakage
3.75
µA0.0
VIOD = 150 mV
Circuit Current
All Other Pins Grounded
IIL
Input LOW Current
−0.6
mA
Max
VIN = 0.5V
IOS
Output Short-Circuit Current
−60
−150
mA
Max
VOUT = 0V
ICCH
Power Supply Current
25
38
mA
Max
VO = HIGH
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = 5.0V
VCC = 5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
6.5
10.0
15.0
6.5
20.0
6.5
16.0
ns
tPHL
In to ∑E
6.5
11.0
16.0
6.5
21.0
6.5
17.0
tPLH
Propagation Delay
6.0
10.0
15.0
5.0
20.0
6.0
16.0
ns
tPHL
In to ∑O
6.5
11.0
16.0
6.5
21.0
6.5
17.0


Similar Part No. - 74F280SCX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F280SC NSC-74F280SC Datasheet
152Kb / 8P
   9-Bit Parity Generator/Checker
logo
Fairchild Semiconductor
74F280SC FAIRCHILD-74F280SC Datasheet
58Kb / 5P
   9-Bit Parity Generator/Checker
74F280SC FAIRCHILD-74F280SC Datasheet
76Kb / 6P
   9-Bit Parity Generator/Checker
More results

Similar Description - 74F280SCX

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
logo
National Semiconductor ...
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
   9-Bit Parity Generator/Checker
logo
Toshiba Semiconductor
TC74HC280AP TOSHIBA-TC74HC280AP_07 Datasheet
335Kb / 9P
   9-Bit Parity Generator/Checker
logo
Hitachi Semiconductor
HD74AC280 HITACHI-HD74AC280 Datasheet
52Kb / 9P
   9-bit Parity Generator/Checker
logo
Motorola, Inc
MC54F280 MOTOROLA-MC54F280 Datasheet
39Kb / 3P
   9-BIT PARITY GENERATOR/CHECKER
logo
National Semiconductor ...
54AC280 NSC-54AC280 Datasheet
183Kb / 6P
   9-Bit Parity Generator/Checker
logo
Fairchild Semiconductor
74AC280 FAIRCHILD-74AC280 Datasheet
65Kb / 6P
   9-Bit Parity Generator/Checker
DM74S280 FAIRCHILD-DM74S280 Datasheet
62Kb / 5P
   9-Bit Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com