Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC373SJ Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74VHC373SJ
Description  Octal D-Type Latch with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC373SJ Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74VHC373SJ Datasheet HTML 1Page - Fairchild Semiconductor 74VHC373SJ Datasheet HTML 2Page - Fairchild Semiconductor 74VHC373SJ Datasheet HTML 3Page - Fairchild Semiconductor 74VHC373SJ Datasheet HTML 4Page - Fairchild Semiconductor 74VHC373SJ Datasheet HTML 5Page - Fairchild Semiconductor 74VHC373SJ Datasheet HTML 6Page - Fairchild Semiconductor 74VHC373SJ Datasheet HTML 7Page - Fairchild Semiconductor 74VHC373SJ Datasheet HTML 8Page - Fairchild Semiconductor 74VHC373SJ Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC373 Rev. 1.3
4
DC Electrical Characteristics
Noise Characteristics
Note:
2. Parameter guaranteed by design.
Symbol
Parameter
VCC (V)
Conditions
TA =
Units
25°C
–40°C to +85°C
Min.
Typ.
Max.
Min.
Max.
VIH
HIGH Level
Input Voltage
2.0
1.50
1.50
V
3.0–5.5
0.7 x VCC
0.7 x VCC
VIL
LOW Level Input
Voltage
2.0
0.50
0.50
V
3.0–5.5
0.3 x VCC
0.3 x VCC
VOH
HIGH Level
Output
Voltage
2.0
VIN = VIH
or VIL
IOH = –50µA
1.9
2.0
1.9
V
3.0
2.9
3.0
2.9
4.5
4.4
4.5
4.4
3.0
IOH = –4mA
2.58
2.48
4.5
IOH = –8mA
3.94
3.80
VOL
LOW Level
Output Voltage
2.0
VIN = VIH
or VIL
IOL = 50µA
0.0
0.1
0.1
V
3.0
0.0
0.1
0.1
4.5
0.0
0.1
0.1
3.0
IOL = 4mA
0.36
0.44
4.5
IOL = 8mA
0.36
0.44
IOZ
3-STATE Output
Off-State
Current
5.5
VIN = VIH or VIL;
VOUT = VCC or GND
±0.25
±2.5
µA
IIN
Input Leakage
Current
0–5.5
VIN = 5.5V or GND
±0.1
±1.0
µA
ICC
Quiescent
Supply Current
5.5
VIN = VCC or GND
4.0
40.0
µA
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
Units
Typ.
Limits
VOLP
(2)
Quiet Output Maximum
Dynamic VOL
5.0
CL = 50pF
0.6
0.9
V
VOLV
(2)
Quiet Output Minimum
Dynamic VOL
5.0
CL = 50pF
–0.6
–0.9
V
VIHD
(2)
Minimum HIGH Level
Dynamic Input Voltage
5.0
CL = 50pF
3.5
V
VILD
(2)
Maximum LOW Level
Dynamic Input Voltage
5.0
CL = 50pF
1.5
V


Similar Part No. - 74VHC373SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC373SJ FAIRCHILD-74VHC373SJ Datasheet
104Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
logo
ON Semiconductor
74VHC373SJ ONSEMI-74VHC373SJ Datasheet
280Kb / 11P
   Octal D-Type Latch with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74VHC373SJ FAIRCHILD-74VHC373SJ_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
More results

Similar Description - 74VHC373SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com