Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F-139P Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # F-139P
Description  PC Mount Single Primary
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

F-139P Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  F-139P Datasheet HTML 1Page - TRIAD MAGNETICS F-139P Datasheet HTML 2Page - TRIAD MAGNETICS F-139P Datasheet HTML 3Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P O W E R T R A N S F O R M E R
PC Mount: Single Primary
F-139P
Electrical Specifications (@25C)
1. Maximum Power: 1.5 VA
2. Primary: 115V 50/60 Hz
3. Secondary:
Series: 12.6V CT @ 0.120 Amps
Parallel: 6.3V CT @ 0.240 Amps
Description:
The F-139P is part of a wide selection of plug-in types that meet the needs of PC
boards and solid state power supply design. This transformer can satisfy power as
well as control and instrumentation applications.
Construction:
Wound on a single channel nylon bobbin. Materials are UL recognized, Class B
(130º C) rated.
A
1
E
DD
3
14
2
5
6
34
B
C
Safety:
These products are 100% hipot tested with an insulation of 1500V between
primary and secondary windings.
Dimensions:
Units: In inches
A
B
C
D
E
1.187
1.390
1.562
0.312
1.00
Pin length:
0.187 in.
Pin size: 0.20 x .041 in.
Weight:
3.5 oz
Schematic:
2
1
3
4
5
6
Primary:
1 to 2
Secondary:
Series - 3 to 6, Jumper 4 to 5
Parallel - 3 to 5, Jumper 3 to 5 and 4 to 6
RoHS Compliance: As of manufacturing date February 2005, all standard
products meet the requirements of 2002/95/EC, known as the RoHS initiative.


Similar Part No. - F-139P

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F-139P TRIAD-F-139P_13 Datasheet
134Kb / 1P
   PC Mount: Single Primary
More results

Similar Description - F-139P

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F-132P TRIAD-F-132P_13 Datasheet
134Kb / 1P
   PC Mount: Single Primary
F-138P TRIAD-F-138P_13 Datasheet
134Kb / 1P
   PC Mount: Single Primary
F-147XP TRIAD-F-147XP_13 Datasheet
140Kb / 1P
   PC Mount: Single Primary
F-156XP TRIAD-F-156XP_13 Datasheet
141Kb / 1P
   PC Mount: Single Primary
F-158XP TRIAD-F-158XP_13 Datasheet
140Kb / 1P
   PC Mount: Single Primary
F-159XP TRIAD-F-159XP_13 Datasheet
140Kb / 1P
   PC Mount: Single Primary
F-168XP TRIAD-F-168XP Datasheet
72Kb / 1P
   PC Mount: Single Primary
F-131P TRIAD-F-131P_13 Datasheet
145Kb / 1P
   PC Mount: Single Primary
F-136P TRIAD-F-136P_13 Datasheet
134Kb / 1P
   PC Mount: Single Primary
F-141XP TRIAD-F-141XP_13 Datasheet
140Kb / 1P
   PC Mount: Single Primary
F-157XP TRIAD-F-157XP_13 Datasheet
140Kb / 1P
   PC Mount: Single Primary
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com