Selected language     English  ▼


F-131P Datasheet(PDF) 2 Page - TRIAD MAGNETICS

Part No. F-131P
Description  PC Mount Single Primary
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIAD [TRIAD MAGNETICS]
Homepage  http://www.triadmagnetics.com
Logo 

   
 2 page
background image
Power Transformers
PC
Moun t
Type
Secondary
Dimensions
Wt.
Section
No.
Figure
VA
Series
Parallel
H
W
D
L
A
B
MW
Oz.
F-131P
8.0V CT @ 0.188A
4.0V @ 0.376A
F-139P
12.6V CT @ 0.12A
6.3V @ 0.24A
F-132P
15.0V CT @ 0.100A
7.5V @ 0.200A
F-150P
17.0V CT @ 0.085A
8.5V @ 0.170A
F-138P
25.2V CT @ 0.06A
12.6V @ 0.12A
A
F-133P
B11/2
30.0V CT @ 0.050A
15.0V @ 0.100A
13/16
15/32
125/64
5
/16
1
3.5
F-160P
34.0V CT @ 0.045A
17.0V @ 0.090A
F-137P
40.0V CT @ 0.038A
20.0V @ 0.076A
F-134P
54.0V CT @ 0.028A
27.0V @ 0.056A
F-135P
76.0V CT @ 0.020A
38.0V @ 0.040A
F-136P
116.0V CT @ 0.013A
58.0V @ 0.026A
F-141XP
8.0V CT @ 0.562A
4.0V @ 1.124A
F-149XP
12.6V CT @ 0.35A
6.3V @ 0.70A
F-142XP
15.0V CT @ 0.300A
7.5V @ 0.600A
F-161XP
17.0V CT @ 0.264A
8.5V @ 0.528A
F-148XP
25.2V CT @ 0.178A
12.6V @ 0.356A
B
F-143XP
A41/2
30.0V CT @ 0.150A
15.0V @ 0.300A
17/16
23/8
11/4
145/64
13
/32
13/32
2
7.5
F-162XP
34.0V CT @ 0.132A
17.0V @ 0.264A
F-147XP
40.0V CT @ 0.112A
20.0V @ 0.224A
F-144XP
54.0V CT @ 0.084A
27.0V @ 0.168A
F-145XP
76.0V CT @ 0.060A
38.0V @ 0.120A
F-146XP
116.0V CT @ 0.033A
58.0V @ 0.066A
F-151XP
8.0V CT @ 0.940A
4.0V @ 1.88A
F-159XP
12.6V CT @ 0.60A
6.3V @ 1.2A
F-152XP
15.0V CT @ 0.500A
7.5V @ 1.000A
F-163XP
17.0V CT @ 0.441A
8.5V @ 0.882A
F-158XP
25.2V CT @ 0.30A
12.6V @ 0.60A
C
F-153XP
A71/2
30.0V CT @ 0.250A
15.0V @ 0.500A
15/8
213/16
115/32
161/64
13
/32
15/16
23/8
10.5
F-164XP
34.0V CT @ 0.220A
17.0V @ 0.440A
F-157XP
40.0V CT @ 0.188A
20.0V @ 0.376A
F-154XP
54.0V CT @ 0.140A
27.0V @ 0.280A
F-155XP
76.0V CT @ 0.100A
38.0V @ 0.200A
F-156XP
116.0V CT @ 0.085A
58.0V @ 0.130A
:: Single P r imar y , Dual S ec ondaries
CT = Center Tap
Mounting hole size: Figure A = 3/16"
Type
Dimensions
Wt.
Section
No.
Figure
VA
Secondary No. 1
Secondary No. 2
H
W
D
L
A
B
MW
Oz.
D
F-165P
C11/2
24.0V CT @ 0.025A
9.0VCT @ 0.100A
F-167P
32.0V CT @ 0.020A
15.0V CT @ 0.060A
E
F-168XP
D41/2
32.0V CT @ 0.050A
15.0V CT @ 0.195A
F-166XP
24.0V CT @ 0.125A
9.0V CT @ 0.500A
F-169XP
32.0V CT @ 0.100A
15.0V CT @ 0.287A
:: 1 15 V olts , 50/60 Hz P r imar y/T riple Output S ec ondaries f or ±15 VDC and +5 VDC
CT = Center Tap
Mounting hole size: Figure A = 3/16"
13/16
125/64
15/32
125/64
13
/64
1
3.5
17/16
23/8
11/4
145/64
1
/4
13/32
2
7.5
FD
71/2
15/8
213/16
115/32
161/64
1
/4
15/16
23/8
10.5
F igur e A
:: Description
Triad power transformers are offered in a wide
selection of plug-in types to meet the needs of PC
board and solid state power supply designs. These
transformers can satisfy power as well as control and
instrumentation applications. The transformers are
available in single or dual primary and dual center
tapped secondary configurations.
:: Specifica tions
Primary: 115 V, 50/60 Hz
F igur e B
F igur e C
F igur e D




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl