Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV540A Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HD74LV540A
Description  Octal Inverted Buffers / Drivers with 3-state Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV540A Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HD74LV540A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV540A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV540A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV540A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV540A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV540A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV540A Datasheet HTML 9Page - Hitachi Semiconductor HD74LV540A Datasheet HTML 10Page - Hitachi Semiconductor HD74LV540A Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
HD74LV540A
7
Switching Characteristics (cont)
• V
CC = 5.0 ± 0.5 V
Ta = 25
°C
Ta = –40 to 85
°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Propa-
gation
delay
time
t
PLH
t
PHL
3.8
5.0
1.0
6.0
ns
C
L = 15 pF
A
Y
5.0
7.0
1.0
8.0
C
L = 50 pF
Enable
time
t
ZH
t
ZL
4.6
7.2
1.0
8.5
ns
C
L = 15 pF
OE
Y
5.8
9.2
1.0
10.5
C
L = 50 pF
Disable
time
t
HZ
t
LZ
3.6
6.8
1.0
8.0
ns
C
L = 15 pF
OE
Y
5.3
8.8
1.0
10.0
C
L = 50 pF


Similar Part No. - HD74LV540A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV540A RENESAS-HD74LV540A Datasheet
82Kb / 10P
   Octal Inverted Buffers / Drivers with 3-state Outputs
HD74LV540AFPEL RENESAS-HD74LV540AFPEL Datasheet
82Kb / 10P
   Octal Inverted Buffers / Drivers with 3-state Outputs
HD74LV540AFPEL RENESAS-HD74LV540AFPEL Datasheet
107Kb / 12P
   Octal Inverted Buffers / Drivers with 3-state Outputs
HD74LV540ARPEL RENESAS-HD74LV540ARPEL Datasheet
82Kb / 10P
   Octal Inverted Buffers / Drivers with 3-state Outputs
HD74LV540ARPEL RENESAS-HD74LV540ARPEL Datasheet
107Kb / 12P
   Octal Inverted Buffers / Drivers with 3-state Outputs
More results

Similar Description - HD74LV540A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV540A RENESAS-HD74LV540A Datasheet
82Kb / 10P
   Octal Inverted Buffers / Drivers with 3-state Outputs
HD74LV540A RENESAS-HD74LV540A_15 Datasheet
107Kb / 12P
   Octal Inverted Buffers / Drivers with 3-state Outputs
HD74HCT240 RENESAS-HD74HCT240 Datasheet
106Kb / 7P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HCT240 HITACHI-HD74HCT240 Datasheet
59Kb / 9P
   Octal Buffers/Line Drivers/Line Receivers(with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HCT241 RENESAS-HD74HCT241 Datasheet
99Kb / 8P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC240 HITACHI-HD74HC240 Datasheet
61Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers(with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HC240 RENESAS-HD74HC240_15 Datasheet
131Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HC244 RENESAS-HD74HC244_15 Datasheet
129Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HCT244 RENESAS-HD74HCT244_15 Datasheet
122Kb / 9P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HC240 RENESAS-HD74HC240 Datasheet
110Kb / 8P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com