Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV574A Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HD74LV574A
Description  Octal Edge-Triggered D-type Flip-Flops with 3-state Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV574A Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HD74LV574A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV574A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV574A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV574A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV574A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV574A Datasheet HTML 9Page - Hitachi Semiconductor HD74LV574A Datasheet HTML 10Page - Hitachi Semiconductor HD74LV574A Datasheet HTML 11Page - Hitachi Semiconductor HD74LV574A Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
HD74LV574A
8
Switching Characteristics (cont)
• V
CC = 5.0 ± 0.5 V
Ta = 25
°C
Ta = –40 to 85
°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Maximum
clock
frequency
fmax
130
205
110
MHz
C
L = 15 pF
85
175
75
C
L = 50 pF
Propa-
gation
delay time
t
PLH
t
PHL
4.8
8.6
1.0
10.0
ns
C
L = 15 pF
CLK
Q
5.7
10.6
1.0
12.0
C
L = 50 pF
Enable
time
t
ZH
t
ZL
4.6
9.0
1.0
10.5
ns
C
L = 15 pF
OE
Q
5.5
11.0
1.0
12.5
C
L = 50 pF
Disable
time
t
HZ
t
LZ
3.5
9.0
1.0
10.5
ns
C
L = 15 pF
OE
Q
4.1
10.1
1.0
11.5
C
L = 50 pF
Setup time
t
su
3.5
3.5
ns
Data before CLK
Hold time
t
h
1.5
1.5
ns
Data after CLK
Pulse
width
t
w
5.0
5.0
ns
CLK: H or L
Output-skew Characteristics
Ta = 25
°C
Ta = –40 to 85
°C
Item
Symbol
V
CC
(V)
Min
Typ
Max
Min
Max
Unit
Output skew
t
sk (O)
2.3 to 2.7
2.0
2.0
ns
3.0 to 3.6
1.5
1.5
4.5 to 5.5
1.0
1.0
Note:
Skew between any outputs of the same package switching in the same direction. This parameter is
warranted but not production tested.


Similar Part No. - HD74LV574A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV574A RENESAS-HD74LV574A Datasheet
84Kb / 8P
   Octal D-type Flip-Flops with 3-state Outputs
HD74LV574AFPEL RENESAS-HD74LV574AFPEL Datasheet
84Kb / 8P
   Octal D-type Flip-Flops with 3-state Outputs
HD74LV574AFPEL RENESAS-HD74LV574AFPEL Datasheet
115Kb / 10P
   Octal D-type Flip-Flops with 3-state Outputs
HD74LV574ATELL RENESAS-HD74LV574ATELL Datasheet
84Kb / 8P
   Octal D-type Flip-Flops with 3-state Outputs
HD74LV574ATELL RENESAS-HD74LV574ATELL Datasheet
115Kb / 10P
   Octal D-type Flip-Flops with 3-state Outputs
More results

Similar Description - HD74LV574A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVC574A TI-SN54LVC574A Datasheet
914Kb / 25P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_08 Datasheet
718Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_02 Datasheet
276Kb / 14P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54HC574 TI-SN54HC574_07 Datasheet
674Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A_08 Datasheet
722Kb / 20P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SNJ54AS574B TI1-SNJ54AS574B Datasheet
1Mb / 25P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com