Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV74A Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HD74LV74A
Description  Dual D-type Flip Flops with Preset and Clear
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV74A Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HD74LV74A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV74A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV74A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV74A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV74A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV74A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV74A Datasheet HTML 9Page - Hitachi Semiconductor HD74LV74A Datasheet HTML 10Page - Hitachi Semiconductor HD74LV74A Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
HD74LV74A
7
Switching Characteristics
• V
CC = 2.5 ± 0.2 V
Ta = 25
°C
Ta = –40 to 85
°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Maximum
clock
frequency
t
max
50
100
40
MHz
C
L = 15 pF
30
70
25
C
L = 50 pF
Propagation
delay time
t
PLH
t
PHL
9.8
14.8
1.0
17.0
ns
C
L = 15 pF
PRE/CLR
Q or
Q
11.1
16.4
1.0
19.0
CLK
13.0
17.4
1.0
20.0
C
L = 50 pF
PRE/CLR
Q or
Q
14.2
20.0
1.0
23.0
CLK
Setup time
t
su
8.0
9.0
ns
Data
7.0
7.0
PRE or CLR inactive
Hold time
t
h
0.5
0.5
ns
Pulse width
t
w
8.0
9.0
ns
PRE or CLR “L”
8.0
9.0
CLK “H” or “L”


Similar Part No. - HD74LV74A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV74A RENESAS-HD74LV74A Datasheet
83Kb / 10P
   Dual D-type Flip Flops with Preset and Clear
HD74LV74AFPEL RENESAS-HD74LV74AFPEL Datasheet
83Kb / 10P
   Dual D-type Flip Flops with Preset and Clear
HD74LV74AFPEL RENESAS-HD74LV74AFPEL Datasheet
108Kb / 12P
   Dual D?뱓ype Flip Flops with Preset and Clear
HD74LV74ARPEL RENESAS-HD74LV74ARPEL Datasheet
83Kb / 10P
   Dual D-type Flip Flops with Preset and Clear
HD74LV74ARPEL RENESAS-HD74LV74ARPEL Datasheet
108Kb / 12P
   Dual D?뱓ype Flip Flops with Preset and Clear
More results

Similar Description - HD74LV74A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC74 RENESAS-HD74HC74 Datasheet
108Kb / 8P
   Dual D-type Flip-Flops (with Preset and Clear)
RD74LVC74B RENESAS-RD74LVC74B Datasheet
112Kb / 9P
   Dual D-type Flip Flops with Preset and Clear
logo
Hitachi Semiconductor
HD74LVC74 HITACHI-HD74LVC74 Datasheet
48Kb / 9P
   Dual D-type Flip Flops with Preset and Clear
HD74HC74 HITACHI-HD74HC74 Datasheet
58Kb / 9P
   Dual D-type Flip-Flops (with Preset and Clear)
logo
Renesas Technology Corp
RD74LVC74B RENESAS-RD74LVC74B_15 Datasheet
131Kb / 11P
   Dual D-type Flip Flops with Preset and Clear
HD74LVC74 RENESAS-HD74LVC74 Datasheet
189Kb / 7P
   Dual D-type Flip Flops with Preset and Clear
HD74LV74A RENESAS-HD74LV74A Datasheet
83Kb / 10P
   Dual D-type Flip Flops with Preset and Clear
HD74HC74 RENESAS-HD74HC74_15 Datasheet
169Kb / 10P
   Dual D-type Flip-Flops (with Preset and Clear)
logo
Aeroflex Circuit Techno...
UT54ACTS74E AEROFLEX-UT54ACTS74E Datasheet
131Kb / 9P
   Dual D Flip-Flops with Clear and Preset
UT54ACS74 AEROFLEX-UT54ACS74 Datasheet
238Kb / 10P
   Dual D Flip-Flops with Clear & Preset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com