Selected language     English  ▼


F-282U Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part No. F-282U
Description  ChassisMount SingleSecondary
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIAD [TRIAD MAGNETICS]
Homepage  http://www.triadmagnetics.com
Logo 

   
 1 page
background image
www.TriadMagnetics.com
| 22520 B Temescal Canyon Road, Corona, CA 92883 | Phone 951-277-0757 | FAX 951-277-2757
Power Transformers
Chassis Moun t:
Single S e c ondar y
Mounting
Type
Secondary
Primary
RMS Test
Case
Dimensions
Dimensions
Wt.
No.
Volts
Amps
Voltage
Voltage (Sec.)
Type
Connections
HW
D
MW
MD
Lbs.
F-1X#
2.5 CT
3.0
115
1,500
X
Leads
15/8
213/16
15/8
23/8
0.68
F-301X
2.5 CT
3.0
115/230
1,500
X
Leads
15/8
213/16
15/8
23/8
0.68
A
F-6X#
2.5 CT
6.0
115
2,500
X
Leads
115/16
35/16
13/4
215/16
1.00
F-3X#
2.5 CT
10.0
115
3,000
X
Leads
29/32
33/4
21/8
31/8
1.70
F-7X
5.0 CT
3.0
115
1,500
X
Leads
115/16
35/16
2213/16
1.30
B
F-8X
5.0 CT
6.0
115
1,500
X
Leads
29/32
33/4
21/8
31/8
1.70
F-12X
5.0 CT
8.0
115
2,500
X
Leads
219/32
421/4
39/16
2.50
F-13X
6.3
0.6
115
1,500
X
Leads
13/8
23/8
13/8
2
0.37
F-313X
6.3
0.6
115/230
1,500
X
Leads
13/8
23/8
13/8
2
0.37
F-14X#
6.3 CT
1.2
115
2,500
X
Leads
15/8
213/16
15/8
23/8
0.70
F-314X
6.3 CT
1.2
115/230
2,500
X
Leads
15/8
213/16
15/8
23/8
0.70
F-16X
6.3 CT
3.0
115
2,500
X
Leads
115/16
35/16
2213/16
1.30
C
F-316X
6.3 CT
3.0
115/230
2,500
X
Leads
115/16
35/16
2213/16
1.30
F-43X#
6.3
4.0
115
1,500
X
Leads
115/16
35/16
2213/16
1.25
F-18X
6.3 CT
6.0
115
1,500
X
Leads
219/32
421/4
39/16
2.30
F-318X
6.3 CT
6.0
115/230
1,500
X
Leads
2 9/32
421/4
39/16
2.30
F-69X
6.3 CT
8.0
115
1,500
X
Leads
29/32
421/4
39/16
2.30
F-21A
6.3 CT
10.0
115
1,500
A
1-Leads
319/32
231/32
31/8
21/4
23.80
F-22A
6.3 CT
20.0
115
2,000
A
2-Leads
37/8
39/32
41/8
21/2
37.00
D
F-28U†
7.5 CT
25.0
115
3,000
U
Leads & Lugs
4
5/8
3
13/16
3
5/8
33
1/16
7.50
or 6.3 CT
F-180X
10.0 CT
1.0
115
1,500
X
Leads
115/16
35/16
13/4
213/16
0.90
E
F-31X
10.0 CT
3.0
115
2,000
X
Leads
25/32
33/4
21/8
31/8
1.70
:: Single S e c ondar y
# 60 Hz
†Tapped primary to produce lower voltages
CT = Center Tap
Mounting hole sizes: X = 3/16" U = 13/64 x 3/8" A = 3/8 x 3/16"
:: Description
Triad offers a full choice of power supply transformers for direct use
or in transformer, rectifier, or filter circuits. Other available secondary
voltages include control, filament and low level signaling in standard
values. The transformers are single primary with single and multiple
secondaries in standard size and weight configurations.
:: Specifica tions
Primary: 115/230 V, 50/60 Hz
C ase T y pe X
C ase T y pe A
C ase T y pe U




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl