Selected language     English  ▼


F-236Z Datasheet(PDF) 3 Page - TRIAD MAGNETICS

Part No. F-236Z
Description  ChassisMount SingleSecondary
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIAD [TRIAD MAGNETICS]
Homepage  http://www.triadmagnetics.com
Logo 

   
 3 page
background image
www.TriadMagnetics.com
| 22520 B Temescal Canyon Road, Corona, CA 92883 | Phone 951-277-0757 | FAX 951-277-2757
Mounting
Type
Secondary
Primary
RMS Test
Case
Dimensions
Dimensions
Wt.
Section
No.
Volts
Amps
Voltage
Voltage (Sec.)
Type
Connections
HW
D
MW
MD
Lbs.
F-57X
25.2 CT
1.000
117
1,500
X
Leads
115/16
39/16
2213/16
1.50
F-357X
25.2 CT
1.000
115/230
1,500
X
Leads
115/16
39/16
2213/16
1.50
A
F-41X#
25.2 CT
2.000
115
1,500
X
Leads
219/32
421/4
39/16
2.20
F-341X
25.2 CT
2.000
115/230
1,500
X
Leads
219/32
421/4
39/16
2.20
F-56X
25.2 CT
2.800
115
1,500
X
Leads
221/32
421/4
39/16
2.50
F-119X
26.8 CT
0.150
115
1,500
X
Leads
13/8
23/8
11/2
2
0.45
F-40X#
26.8 CT
1.000
115
1,500
X
Leads
115/16
35/16
2213/16
1.30
B
F-340X
26.8 CT
1.000
115/230
1,500
X
Leads
115/16
35/16
2213/16
1.30
F-55X
26.8 CT
1.700
115
1,500
X
Leads
219/32
421/4
39/16
2.30
F-355X
26.8 CT
1.700
115/230
1,500
X
Leads
219/32
421/4
39/16
2.30
F-122X
28.0 CT
0.175
115
1,500
X
Leads
13/8
23/8
11/2
2
0.35
F-124X
28.0 CT
0.800
115
1,500
X
Leads
115/16
31/4
2213/16
1.00
C
F-184X
28.0 CT
1.000
115
1,500
X
Leads
25/16
311/16
21/4
31/8
1.40
F-3185U
28.0 CT
2.000
115/230
1,500
X
Leads
31/16
21/2
27/16
221/4
2.90
F-187U
28.0 CT
4.000
115
1,500
U
Leads
31/2
27/8
31/16
21/4
21/4
5.30
F-188X
35.0 CT
0.100
115
1,500
X
Leads
15/8
213/16
17/16
23/8
0.35
F-228X#
35.0 CT
0.300
115
1,500
X
Leads
15/8
213/16
15/8
23/8
0.60
F-189X
35.0 CT
0.500
115
1,500
X
Leads
25/16
311/16
115/16
31/8
1.00
D
F-54X
35.0 CT
1.500
115
1,500
X
Leads
219/32
421/4
39/16
2.20
F-354X
35.0 CT
1.500
115/230
1,500
X
Leads
219/32
421/4
39/16
2.20
F-191U
35.0 CT
4.000
115
1,500
U
Leads
313/16
33/16
33/16
23/4
21/2
6.00
F-268U
35.0 CT
8.000
115
1,500
U
Leads
41/2
33/4
41/4
331/4
11.00
F-270X
40.0 CT
1.000
115
1,500
X
Leads
29/16
421/4
35/16
2.60
F-271U
40.0 CT
2.000
115
1,500
U
Leads
33/8
213/16
27/8
21/4
23/8
4.00
E
F-272U
40.0 CT
4.000
115
1,500
U
Leads
33/4
31/8
31/2
21/2
27/8
6.40
F-273U
40.0 CT
6.000
115
1,500
U
Leads
41/2
33/4
4
3
3
10.00
F-275U
40.0 CT
10.000
115
1,500
U
Leads
53/8
43/8
41/2
31/2
33/8
14.50
F-59X
60.0 CT
0.400
115
1,500
X
Leads
115/16
35/16
2213/16
1.30
F
F-279U
60.0 CT
1.000
115
1,500
U
Leads
3
21/2
25/8
223/8
3.40
F-280U
60.0 CT
2.000
115
1,500
U
Leads
33/4
31/8
31/8
21/2
25/8
5.60
F-282U
60.0 CT
6.000
115
1,500
U
Leads
51/4
43/8
41/8
31/2
27/8
12.50
:: Single S e c ondar y c o n tinued
# 60 Hz
CT = Center Tap
Mounting hole sizes: X = 3/16" U = 13/64 x 3/8"
ƒ Wingdings may be connected in series to obtain their combined voltage when properly phased. Current will be equal to the current of the lowest winding. Example: Two 6.3 V
windings @ 2A in series would be 12.6 V @ 2A. Wingdings may also be connected in parallel to obtain combined current. Example: Two 6.3 V windings @ 2A in parallel would
be 6.3 V @ 4A.
# 60 Hz
CT = Center Tap Mounting hole sizes X = 3/16" U = 13/64 x 3/8" Z = 3/16"
Mounting
Type
Secondary
Primary
RMS Test
Case
Dimensions
Dimensions
Wt.
Section
No.
Volts
Amps
Voltage
Voltage (Sec.)
Type
Connections
HW
D
MW
MD
Lbs.
F-235Z#
12.0 CT
0.250
115
1,500
Z
Lugs
2
23/8
17/16
2
0.6
12.0 CT
0.250
F-236Z#
12.0 CT
0.500
115
1,500
Z
Lugs
25/16
27/8
15/8
23/8
0.9
G
12.0 CT
0.500
F-237Z#
12.0 CT
1.000
115
1,500
Z
Lugs
23/8
213/16
21/16
23/8
1.1
12.0 CT
1.000
F-241U#f
18.0 CT
1.000
115
1,500
U
Lugs
21/2
321/2
21/2
2
2.2
18.0 CT
1.000
F-243U#f
18.0 CT
4.000
115
1,500
U
Lugs
31/2
41/8
31/4
37/16
21/4
5.2
H
18.0 CT
4.000
18.0 CT
8.000
F-244U#f
18.0 CT
8.000
115
1,500
U
Lugs
33/
4
41/
2
433/
4
23/
4
8.3
F-195X
32.0 CT
0.250
115
1,500
X
Leads
21/4
33/4
17/8
31/8
1.3
I
15.5 CT
0.750
J
F-196U
32.0 CT
1.000
115
1,500
U
Leads
33/8
213/16
25/8
21/4
21/4
4.0
15.5 CT
2.000
K
F-197U
32.0 CT
1.000
115
1,500
U
Leads
33/4
31/8
215/16
21/2
21/4
4.7
15.0 CT
4.0
L
F-198U
32.0 CT
1.000
115
1,500
U
Leads
33/4
31/8
33/16
21/2
23/4
6.2
15.0 CT
6.000
:: Multiple S e c ondar y




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl