Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTCB210 Datasheet(PDF) 1 Page - Allied Components International

Part # VTCB210
Description  Toroidal Chokes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

VTCB210 Datasheet(HTML) 1 Page - Allied Components International

  VTCB210 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• Low Magnetic Radiation
• Low Core Loss
• High current capacity up to 10A
Electrical
Inductance Range: 10µh to 1000µh
Additional values available
Tolerance: 15% over entire range
VTCB210-100L-RC
VTCB210-120L-RC
VTCB210-150L-RC
VTCB210-180L-RC
VTCB210-220L-RC
VTCB210-270L-RC
VTCB210-330L-RC
VTCB210-390L-RC
VTCB210-470L-RC
VTCB210-560L-RC
VTCB210-680L-RC
VTCB210-101L-RC
VTCB210-121L-RC
VTCB210-151L-RC
VTCB210-181L-RC
VTCB210-221L-RC
VTCB210-271L-RC
VTCB210-331L-RC
VTCB210-391L-RC
VTCB210-471L-RC
VTCB210-561L-RC
VTCB210-681L-RC
VTCB210-821L-RC
VTCB210-102L-RC
Allied
Part
Number
L (
µH)
L(µH)
IDC
(A)
10
12
15
18
22
27
33
39
47
56
68
100
121
150
180
220
270
330
390
470
560
680
820
1000
10.8
10.3
7.7
7.4
7.0
5.3
5.0
4.8
3.6
3.4
3.3
2.4
2.2
3.4
2.6
2.4
1.8
1.7
1.7
1.6
1.5
1.4
1.4
1.3
DCR
(Ω)
6.3
7.4
10.2
11.9
14.2
19.1
22.8
26.4
34.7
40.6
48.3
75.2
88.5
84.3
113.1
134.4
181.6
216.3
250.1
293.8
341.5
403.2
472.8
559.2
.006
.007
.012
.013
.015
.026
.029
.032
.055
.060
.067
.130
.150
.062
.110
.120
.210
.230
.250
.280
.300
.330
.370
.400
Tolerance
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
Toroidal Chokes
VTCB210
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
• Cross to Miller / Bourns 2100 series
Test Frequency: 1KHz
Operating Temp: -55ºC ~ +105ºC
Temp Rise:
∆ T=30ºC Typical at rated IDC
Part temperature should not exceed 125ºC
including temperature rise.
Test Equipment
(L): 100 LCR meter or equivalent
DCR: Chen Hwa 502
Physical
Packaging: 30 per inner box, 750 per carton
Marking: EIA Inductance Code
REVISED 7/19/010
@ 1KHZ
MAX
± 15%
@ I rated
All specifications subject to change without notice.


Similar Part No. - VTCB210

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
VTCB210-100L-RC ALLIED-VTCB210-100L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
VTCB210-101L-RC ALLIED-VTCB210-101L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
VTCB210-102L-RC ALLIED-VTCB210-102L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
VTCB210-120L-RC ALLIED-VTCB210-120L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
VTCB210-121L-RC ALLIED-VTCB210-121L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
More results

Similar Description - VTCB210

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
VTCB210-100L-RC ALLIED-VTCB210-100L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
TC100-1R0M-RC ALLIED-TC100-1R0M-RC Datasheet
377Kb / 1P
   Toroidal Chokes
TC210 ALLIED-TC210 Datasheet
1Mb / 1P
   Toroidal Chokes
VTC0690 ALLIED-VTC0690 Datasheet
215Kb / 1P
   Toroidal Chokes
VTC570 ALLIED-VTC570 Datasheet
1Mb / 1P
   Toroidal Chokes
TC100 ALLIED-TC100 Datasheet
378Kb / 1P
   Toroidal Chokes
TC230-100L-RC ALLIED-TC230-100L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
TC230 ALLIED-TC230 Datasheet
1Mb / 1P
   Toroidal Chokes
TC210-100L-RC ALLIED-TC210-100L-RC_10 Datasheet
1Mb / 1P
   Toroidal Chokes
TC210-100L-RC ALLIED-TC210-100L-RC Datasheet
1,023Kb / 1P
   Toroidal Chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com