Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMPC7832-562L-RC Datasheet(PDF) 1 Page - Allied Components International

Part # SMPC7832-562L-RC
Description  Surface Mount Power Choke
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

SMPC7832-562L-RC Datasheet(HTML) 1 Page - Allied Components International

  SMPC7832-562L-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMPC7832-1R0L-RC
1.0
15
0.011
9.00
5.3
SMPC7832-1R2L-RC
1.2
15
0.012
8.80
4.8
SMPC7832-1R5L-RC
1.5
15
0.012
8.60
4.4
SMPC7832-1R8L-RC
1.8
15
0.013
8.50
4.0
SMPC7832-2R2L-RC
2.2
15
0.014
8.40
3.6
SMPC7832-2R7L-RC
2.7
15
0.016
8.20
3.2
SMPC7832-3R3L-RC
3.3
15
0.017
8.10
2.8
SMPC7832-3R9L-RC
3.9
15
0.020
7.30
2.6
SMPC7832-4R7L-RC
4.7
15
0.023
6.70
2.4
SMPC7832-5R6L-RC
5.6
15
0.025
6.00
2.3
SMPC7832-6R8L-RC
6.8
15
0.028
5.60
2.1
SMPC7832-8R2L-RC
8.2
15
0.032
5.30
1.9
SMPC7832-100L-RC
10
15
0.036
5.00
1.7
SMPC7832-120L-RC
12
15
0.040
4.80
1.5
SMPC7832-150L-RC
15
15
0.043
4.50
1.4
SMPC7832-180L-RC
18
15
0.047
4.20
1.3
SMPC7832-220L-RC
22
15
0.054
3.80
1.2
SMPC7832-270L-RC
27
15
0.074
3.40
1.1
SMPC7832-330L-RC
33
15
0.084
3.00
0.99
SMPC7832-390L-RC
39
15
0.095
2.80
0.93
SMPC7832-470L-RC
47
15
0.120
2.60
0.87
SMPC7832-560L-RC
56
15
0.140
2.40
0.82
SMPC7832-680L-RC
68
15
0.160
2.10
0.76
SMPC7832-820L-RC
82
15
0.184
1.90
0.72
SMPC7832-101L-RC
100
15
0.226
1.70
0.68
SMPC7832-121L-RC
120
15
0.305
1.50
0.61
SMPC7832-151L-RC
150
15
0.362
1.40
0.54
SMPC7832-181L-RC
180
15
0.399
1.30
0.48
SMPC7832-221L-RC
220
15
0.536
1.10
0.44
SMPC7832-271L-RC
270
15
0.599
0.95
0.40
SMPC7832-331L-RC
330
15
0.714
0.86
0.36
SMPC7832-391L-RC
390
15
0.819
0.80
0.33
SMPC7832-471L-RC
470
15
1.10
0.74
0.31
SMPC7832-561L-RC
560
15
1.20
0.68
0.29
SMPC7832-681L-RC
680
15
1.58
0.63
0.26
SMPC7832-821L-RC
820
15
2.08
0.573
0.23
SMPC7832-102L-RC
1000
15
2.42
0.51
0.21
SMPC7832-122L-RC
1200
15
2.68
0.46
0.19
SMPC7832-152L-RC
1500
15
3.15
0.40
0.17
SMPC7832-182L-RC
1800
15
4.20
0.34
0.15
SMPC7832-222L-RC
2200
15
4.62
0.31
0.135
SMPC7832-272L-RC
2700
15
6.30
0.29
0.12
SMPC7832-332L-RC
3300
15
7.09
0.27
0.11
SMPC7832-392L-RC
3900
15
9.14
0.25
0.10
SMPC7832-472L-RC
4700
15
10.6
0.23
0.09
Allied
Part
Number
Incremental
Current
(Amps)
Inductance
(
µh)
Tolerance
(%)
Current Rating
(Amps)
Max
DCR
Max.
(
Ω)
All specifications subject to change without notice.
SMPC7832
Surface Mount Power Choke
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
REVISED 08/12/11
Features
• SMD Molded High Current Choke
• Rohs Compliant
Tape and Reel for Auto Insertion
• Cross to Vishay IHSM7832
• Wide Inductance Range
Electrical
Inductance Range: 1.0µh ~ 18,000µh
Tolerance: 15% over entire range
Test Frequency:
1KHz over entire range
Operating Temp:
Current Rating: Based on a 40ºC Temp
Rise.
Test Equipment
(L):
CH1-100 1KHz
(RDC):
Chen Hwa CH-301 DCR Meter
(IDC):
Chen Hwa CH-301 & DCR Meter
Physical
Packaging: 500 / reel.
Marking: EIA Inductance Code.
-55ºC ~ +125ºC (No Load)
IDC: The current at which the inductance
will drop no more than 5% of its intitial
value with no DC current.
SMPC7832-562L-RC
5600
15
11.8
0.21
0.08
SMPC7832-682L-RC
6800
15
15.8
0.19
0.0775
SMPC7832-822L-RC
8200
15
21.8
0.17
0.0725
SMPC7832-103L-RC
10000
15
24.6
0.16
0.07
SMPC7832-123L-RC
12000
15
28.4
0.14
0.0625
SMPC7832-153L-RC
15000
15
37.8
0.12
0.055
SMPC7832-183L-RC
18000
15
44.1
0.11
0.05
Resistance to Solder Heat
Reflow 260ºC 10 seconds
Also available in tighter tolerances.
-55ºC ~ +85ºC (Full Load)
Dimensions:
Inches
(mm)


Similar Part No. - SMPC7832-562L-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
SMPC7832-562L-RC ALLIED-SMPC7832-562L-RC Datasheet
439Kb / 1P
   Surface Mount Power Choke
More results

Similar Description - SMPC7832-562L-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
SMPC5832-1R0L-RC ALLIED-SMPC5832-1R0L-RC Datasheet
438Kb / 1P
   Surface Mount Power Choke
SMPC3825 ALLIED-SMPC3825 Datasheet
333Kb / 1P
   Surface Mount Power Choke
SMPC3825-1R0L-RC ALLIED-SMPC3825-1R0L-RC Datasheet
332Kb / 1P
   Surface Mount Power Choke
SMPC5832 ALLIED-SMPC5832 Datasheet
438Kb / 1P
   Surface Mount Power Choke
SMPC7832-1R0L-RC ALLIED-SMPC7832-1R0L-RC Datasheet
439Kb / 1P
   Surface Mount Power Choke
logo
API Delevan
SDS850R API-SDS850R Datasheet
1Mb / 1P
   Surface Mount Shielded Power Choke
SDS680R API-SDS680R Datasheet
1Mb / 1P
   Surface Mount Shielded Power Choke
SDS130R API-SDS130R Datasheet
1Mb / 1P
   Surface Mount Shielded Power Choke
logo
Filtran LTD
7526 FILTRAN-7526 Datasheet
136Kb / 1P
   Choke Surface Mount Common Mode Choke
8041 FILTRAN-8041 Datasheet
191Kb / 1P
   CHOKE Surface Mount Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com