Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LVC16240A Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HD74LVC16240A
Description  16-bit Buffers / Line Drivers with 3-state Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LVC16240A Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74LVC16240A Datasheet HTML 1Page - Hitachi Semiconductor HD74LVC16240A Datasheet HTML 2Page - Hitachi Semiconductor HD74LVC16240A Datasheet HTML 3Page - Hitachi Semiconductor HD74LVC16240A Datasheet HTML 4Page - Hitachi Semiconductor HD74LVC16240A Datasheet HTML 5Page - Hitachi Semiconductor HD74LVC16240A Datasheet HTML 6Page - Hitachi Semiconductor HD74LVC16240A Datasheet HTML 7Page - Hitachi Semiconductor HD74LVC16240A Datasheet HTML 8Page - Hitachi Semiconductor HD74LVC16240A Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HD74LVC16240A
16-bit Buffers / Line Drivers with 3-state Outputs
ADE-205-118B(Z)
3rd Edition
December 1996
Description
The HD74LVC16240A has sixteen inverter drivers with three state outputs in a 48 pin package. This
device is a inverting buffer and has two active low enables (1
G to 4G). Each enable independently controls
four buffers. Low voltage and high speed operation is suitable at the battery drive product (note type
personal computer) and low power consumption extends the life of a battery for long time operation.
Features
• V
CC = 2.0 V to 5.5 V
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs V
OUT (Max.) = 5.5 V (@VCC = 0 V or output off state)
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±24 mA (@V
CC = 3.0 V to 5.5 V)
Function Table
Inputs
G
A
Output Y
HX
Z
LH
L
LLH
H:
High level
L:
Low level
X:
Immaterial
Z:
High impedance


Similar Part No. - HD74LVC16240A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC16240A RENESAS-HD74LVC16240A Datasheet
188Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVC16240ATEL RENESAS-HD74LVC16240ATEL Datasheet
188Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
More results

Similar Description - HD74LVC16240A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC16244A16 HITACHI-HD74LVC16244A16 Datasheet
50Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVC16540 HITACHI-HD74LVC16540 Datasheet
51Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Renesas Technology Corp
HD74LVCZ16240A RENESAS-HD74LVCZ16240A Datasheet
102Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
RD74LVC16240B RENESAS-RD74LVC16240B Datasheet
107Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Texas Instruments
54AC16244 TI-54AC16244_07 Datasheet
335Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LVCZ16240A HITACHI-HD74LVCZ16240A Datasheet
54Kb / 11P
   16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVCZ16244A HITACHI-HD74LVCZ16244A Datasheet
53Kb / 11P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Texas Instruments
54AC16244 TI-54AC16244 Datasheet
125Kb / 10P
[Old version datasheet]   16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LVC16241 HITACHI-HD74LVC16241 Datasheet
47Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVC16541 HITACHI-HD74LVC16541 Datasheet
50Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com