Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV3020ADR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV3020ADR2G
Description  Synchronous PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV3020ADR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCV3020ADR2G Datasheet HTML 1Page - ON Semiconductor NCV3020ADR2G Datasheet HTML 2Page - ON Semiconductor NCV3020ADR2G Datasheet HTML 3Page - ON Semiconductor NCV3020ADR2G Datasheet HTML 4Page - ON Semiconductor NCV3020ADR2G Datasheet HTML 5Page - ON Semiconductor NCV3020ADR2G Datasheet HTML 6Page - ON Semiconductor NCV3020ADR2G Datasheet HTML 7Page - ON Semiconductor NCV3020ADR2G Datasheet HTML 8Page - ON Semiconductor NCV3020ADR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
© Semiconductor Components Industries, LLC, 2013
January, 2013 − Rev. 6
1
Publication Order Number:
NCP3020/D
NCP3020A, NCP3020B,
NCV3020A, NCV3020B
Synchronous PWM Controller
The NCP3020 is a PWM device designed to operate from a wide
input range and is capable of producing an output voltage as low as
0.6 V. The NCP3020 provides integrated gate drivers and an internally
set 300 kHz (NCP3020A) or 600 kHz (NCP3020B) oscillator. The
NCP3020 also has an externally compensated transconductance error
amplifier with an internally fixed soft−start. Protection features
include lossless current limit and short circuit protection, output
overvoltage protection, output undervoltage protection, and input
undervoltage lockout. The NCP3020 is currently available in a
SOIC−8 package.
Features
Input Voltage Range from 4.7 V to 28 V
300 kHz Operation (NCP3020B – 600 kHz)
0.6 V Internal Reference Voltage
Internally Programmed 6.8 ms Soft−Start (NCP3020B – 4.4 ms)
Current Limit and Short Circuit Protection
Transconductance Amplifier with External Compensation
Input Undervoltage Lockout
Output Overvoltage and Undervoltage Detection
NCV Prefix for Automotive and Other Applications Requiring Site
and Change Controls
This is a Pb−Free Device
Figure 1. Typical Application Circuit
COMP
FB
VCC BST
HSDR
VSW
LSDR
GND
Q1
Q2
Vout
CC1
CC2
CIN
RISET
RC
CBST
RFB1
RFB2
C0
L0
VIN
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
NCP3020ADR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SOIC−8 NB
CASE 751
MARKING DIAGRAM
3020x
ALYW
G
1
8
3020x = Specific Device Code
x = A or B
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
1
8
PIN CONNECTIONS
LSDR
GND
VSW
FB
HSDR
COMP
BST
VCC
NCP3020BDR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
NCV3020ADR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
NCV3020BDR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel


Similar Part No. - NCV3020ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV3020ADR2G ONSEMI-NCV3020ADR2G Datasheet
910Kb / 25P
   Synchronous Buck Controller, 28 V
December, 2018 - Rev. 7
More results

Similar Description - NCV3020ADR2G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2014 DIODES-AP2014_09 Datasheet
270Kb / 14P
   SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
logo
ON Semiconductor
NCP3011 ONSEMI-NCP3011_15 Datasheet
369Kb / 28P
   Synchronous PWM Controller
September, 2015 ??Rev. 4
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
   Synchronous PWM Controller
June, 2011 ??Rev. 3
logo
Anachip Corp
AP2002 ANACHIP-AP2002 Datasheet
180Kb / 7P
   Synchronous PWM Controller
AP2007 ANACHIP-AP2007 Datasheet
181Kb / 7P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3012 ONSEMI-NCP3012 Datasheet
354Kb / 26P
   Synchronous PWM Controller
May, 2010 ??Rev. 0
NCP3030A ONSEMI-NCP3030A Datasheet
375Kb / 23P
   Synchronous PWM Controller
April, 2011 ??Rev. 1
logo
Anachip Corp
AP2003 ANACHIP-AP2003 Datasheet
132Kb / 6P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3020A ONSEMI-NCP3020A_10 Datasheet
759Kb / 23P
   Synchronous PWM Controller
November, 2010 ??Rev. 3
NCP3020A ONSEMI-NCP3020A Datasheet
534Kb / 23P
   Synchronous PWM Controller
November, 2009 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com