Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV3020B Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCV3020B
Description  Synchronous PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV3020B Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCV3020B Datasheet HTML 6Page - ON Semiconductor NCV3020B Datasheet HTML 7Page - ON Semiconductor NCV3020B Datasheet HTML 8Page - ON Semiconductor NCV3020B Datasheet HTML 9Page - ON Semiconductor NCV3020B Datasheet HTML 10Page - ON Semiconductor NCV3020B Datasheet HTML 11Page - ON Semiconductor NCV3020B Datasheet HTML 12Page - ON Semiconductor NCV3020B Datasheet HTML 13Page - ON Semiconductor NCV3020B Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
NCP3020A, NCP3020B, NCV3020A, NCV3020B
http://onsemi.com
10
OOV and OUV
The output voltage of the buck converter is monitored at
the feedback pin of the output power stage. Two
comparators are placed on the feedback node of the OTA to
monitor the operating window of the feedback voltage as
shown in Figures 22 and 23. All comparator outputs are
ignored during the soft−start sequence as soft−start is
regulated by the OTA and false trips would be generated.
After the soft−start period has ended, if the feedback is
below the reference voltage of comparator 2 (VFB < 0.45 V),
the output is considered “undervoltage” and the device will
initiate a restart. When the feedback pin voltage rises
between the reference voltages of comparator 1 and
comparator 2 (0.45 < VFB < 0.75), then the output voltage
is considered “Power Good.” Finally, if the feedback voltage
is greater than comparator 1 (VFB > 0.75 V), the output
voltage is considered “overvoltage,” and the device will
latch off. To clear a latch fault, input voltage must be
recycled. Graphical representation of the OOV and OUV is
shown in Figures 24 and 25.
Vref = 0.6 V
Vref*75%
Vref*125%
Comparator 1
Comparator 2
LOGIC
Soft Start Complete
Restart
Latch off
FB
Figure 22. OOV and OUV Circuit Diagram
Power Good = 1
Power Good = 1
Vref = 0.6 V
Voov = Vref * 125%
OUVP & Power Good = 0
OOVP & Power Good = 0
Hysteresis = 5 mV
Hysteresis = 5 mV
Power Not good High
Power Not Good Low
Figure 23. OOV and OUV Window Diagram
Vouv = Vref * 75%


Similar Part No. - NCV3020B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV3020B ONSEMI-NCV3020B Datasheet
910Kb / 25P
   Synchronous Buck Controller, 28 V
December, 2018 - Rev. 7
NCV3020BDR2G ONSEMI-NCV3020BDR2G Datasheet
910Kb / 25P
   Synchronous Buck Controller, 28 V
December, 2018 - Rev. 7
More results

Similar Description - NCV3020B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2014 DIODES-AP2014_09 Datasheet
270Kb / 14P
   SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
logo
ON Semiconductor
NCP3011 ONSEMI-NCP3011_15 Datasheet
369Kb / 28P
   Synchronous PWM Controller
September, 2015 ??Rev. 4
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
   Synchronous PWM Controller
June, 2011 ??Rev. 3
logo
Anachip Corp
AP2002 ANACHIP-AP2002 Datasheet
180Kb / 7P
   Synchronous PWM Controller
AP2007 ANACHIP-AP2007 Datasheet
181Kb / 7P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3012 ONSEMI-NCP3012 Datasheet
354Kb / 26P
   Synchronous PWM Controller
May, 2010 ??Rev. 0
NCP3030A ONSEMI-NCP3030A Datasheet
375Kb / 23P
   Synchronous PWM Controller
April, 2011 ??Rev. 1
logo
Anachip Corp
AP2003 ANACHIP-AP2003 Datasheet
132Kb / 6P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3020A ONSEMI-NCP3020A_10 Datasheet
759Kb / 23P
   Synchronous PWM Controller
November, 2010 ??Rev. 3
NCP3020A ONSEMI-NCP3020A Datasheet
534Kb / 23P
   Synchronous PWM Controller
November, 2009 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com