Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTCB210HT-681L-RC Datasheet(PDF) 1 Page - Allied Components International

Part # VTCB210HT-681L-RC
Description  Toroid Chokes High Temp on Base
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

VTCB210HT-681L-RC Datasheet(HTML) 1 Page - Allied Components International

  VTCB210HT-681L-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• Low Magnetic Radiation
• Low Core Loss
• High current capacity up to 21A
Electrical
Inductance Range: 1.0µh to 1000µh
Additional values available
Tolerance: 15% over entire range
VTCB210HT-1R0L-RC
VTCB210HT-1R5L-RC
VTCB210HT-2R2L-RC
VTCB210HT-2R7L-RC
VTCB210HT-3R3L-RC
VTCB210HT-3R9L-RC
VTCB210HT-4R7L-RC
VTCB210HT-5R6L-RC
VTCB210HT-6R8L-RC
VTCB210HT-8R2L-RC
VTCB210HT-100L-RC
VTCB210HT-120L-RC
VTCB210HT-150L-RC
VTCB210HT-180L-RC
VTCB210HT-220L-RC
VTCB210HT-270L-RC
VTCB210HT-330L-RC
VTCB210HT-390L-RC
VTCB210HT-470L-RC
VTCB210HT-560L-RC
VTCB210HT-680L-RC
VTCB210HT-820L-RC
VTCB210HT-101L-RC
VTCB210HT-121L-RC
Allied
Part
Number
L (
µH)
L(µH)
IDC
(A)
1.0
1.5
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
21.7
19.8
18.3
17.1
16.1
15.3
14.9
14.3
13.7
13.2
9.9
9.6
9.1
8.6
6.7
6.4
6.1
5.9
5.6
5.3
5.1
4.8
4.6
3.5
DCR
(Ω)
0.8
1.2
1.8
2.1
2.6
3.0
3.5
4.1
4.9
5.9
7.6
9.0
11.0
13.0
16.6
20.1
24.0
28.0
33.1
38.5
46.0
54.0
64.5
84.4
.003
.003
.004
.004
.005
.005
.006
.006
.006
.007
.012
.013
.014
.016
.026
.028
.031
.033
.036
.040
.044
.049
.053
.094
Tolerance
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
Toroid Chokes High Temp on Base
VTCB210HT
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
• Cross to Miller / Bourns 2100HT series with base
Test Frequency: 1KHz
Operating Temp: -55ºC ~ +200ºC
Temp Rise:
∆ T=50ºC Typical at rated IDC
Test Equipment
(L): 100 LCR meter or equivalent
DCR: Chen Hwa 502
Physical
Packaging: Boxed
Marking: EIA Inductance Code
REVISED 7/19/010
@ 1KHZ
MAX
± 15%
@ I rated
• High Temperature rating up to 200ºC
VTCB210HT-151L-RC
VTCB210HT-181L-RC
VTCB210HT-221L-RC
VTCB210HT-271L-RC
VTCB210HT-331L-RC
VTCB210HT-391L-RC
VTCB210HT-471L-RC
VTCB210HT-561L-RC
VTCB210HT-681L-RC
VTCB210HT-821L-RC
VTCB210HT-102L-RC
150
180
220
270
330
390
470
560
680
820
1000
3.3
3.1
3.0
2.8
2.7
2.1
2.0
1.9
1.8
1.7
1.6
102.8
120.7
144.2
172.6
206.0
266.7
314.4
366.9
435.1
512.0
608.2
.110
.120
.130
.140
.160
.270
.290
.320
.350
.390
.430
15
15
15
15
15
15
15
15
15
15
15
%


Similar Part No. - VTCB210HT-681L-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
VTCB210HT-681L-RC ALLIED-VTCB210HT-681L-RC Datasheet
1Mb / 1P
   Toroid Chokes High Temp on Base
More results

Similar Description - VTCB210HT-681L-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
VTCB210HT-1R0L-RC ALLIED-VTCB210HT-1R0L-RC Datasheet
1Mb / 1P
   Toroid Chokes High Temp on Base
TC220HT ALLIED-TC220HT Datasheet
1Mb / 1P
   Toroid Chokes High Temp
TC220 ALLIED-TC220 Datasheet
1Mb / 1P
   Toroid Chokes
logo
Rhombus Industries Inc.
L-11782F RHOMBUS-IND-L-11782F Datasheet
19Kb / 1P
   Small Toroid RF Chokes
L-11781F RHOMBUS-IND-L-11781F Datasheet
19Kb / 1P
   Small Toroid RF Chokes
L-11780F RHOMBUS-IND-L-11780F Datasheet
19Kb / 1P
   Small Toroid RF Chokes
L-11759 RHOMBUS-IND-L-11759 Datasheet
17Kb / 1P
   Small Toroid RF Chokes
L-11714 RHOMBUS-IND-L-11714 Datasheet
24Kb / 1P
   Small Toroid RF Chokes
logo
Coilcraft lnc.
DMT COILCRAFT-DMT_13 Datasheet
312Kb / 2P
   Output Power Chokes ??Toroid Styles
logo
List of Unclassifed Man...
HM19 ETC1-HM19 Datasheet
115Kb / 2P
   Toroid Style Common-Mode Chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com