Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LVC16373A Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HD74LVC16373A
Description  16-bit D-type Transparent Latches with 3-state Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LVC16373A Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HD74LVC16373A Datasheet HTML 1Page - Hitachi Semiconductor HD74LVC16373A Datasheet HTML 2Page - Hitachi Semiconductor HD74LVC16373A Datasheet HTML 3Page - Hitachi Semiconductor HD74LVC16373A Datasheet HTML 4Page - Hitachi Semiconductor HD74LVC16373A Datasheet HTML 5Page - Hitachi Semiconductor HD74LVC16373A Datasheet HTML 6Page - Hitachi Semiconductor HD74LVC16373A Datasheet HTML 7Page - Hitachi Semiconductor HD74LVC16373A Datasheet HTML 8Page - Hitachi Semiconductor HD74LVC16373A Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HD74LVC16373A
3
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
V
CC
–0.5 to 6.0
V
Input diode current
I
IK
–50
mA
V
I = –0.5 V
Input voltage
V
I
–0.5 to 6.0
V
Output diode current
I
OK
–50
mA
V
O = –0.5 V
50
mA
V
O = VCC+0.5 V
Output voltage
V
O
–0.5 to V
CC +0.5
V
Output "H" or "L"
–0.5 to 6.0
V
Output "Z" or V
CC:OFF
Output current
I
O
±50
mA
V
CC, GND current / pin
I
CC or IGND
100
mA
Storage temperature
Tstg
–65 to +150
°C
Note:
The absolute maximum ratings are values which must not individually be exceeded, and furthermore,
no two of which may be realized at the same time.
Recommended Operating Conditons
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
V
CC
1.5 to 5.5
V
Data hold
2.0 to 5.5
V
At operation
Input / output voltage
V
I
0 to 5.5
V
G, LE, D
V
O
0 to V
CC
V
Output "H" or "L"
0 to 5.5
V
Output "Z" or V
CC:OFF
Operating temperature
Ta
–40 to 85
°C
Output current
I
OH
–12
mA
V
CC = 2.7 V
–24
*2
mA
V
CC = 3.0 V to 5.5 V
I
OL
12
mA
V
CC = 2.7 V
24
*2
mA
V
CC = 3.0 V to 5.5 V
Input rise / fall time
*1
t
r, t f
10
ns/V
Notes: 1. This item guarantees maximum limit when one input switches.
Waveform : Refer to test circuit of switching characteristics.
2. duty cycle
≤ 50%


Similar Part No. - HD74LVC16373A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC16373A RENESAS-HD74LVC16373A Datasheet
195Kb / 10P
   16-bit D-type Transparent Latches with 3-state Outputs
HD74LVC16373ATEL RENESAS-HD74LVC16373ATEL Datasheet
195Kb / 10P
   16-bit D-type Transparent Latches with 3-state Outputs
More results

Similar Description - HD74LVC16373A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVCH16373 HITACHI-HD74ALVCH16373 Datasheet
48Kb / 11P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16373A TI-SN54ABT16373A Datasheet
109Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162373 HITACHI-HD74ALVCH162373 Datasheet
53Kb / 12P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SNJ54ABT16373A TI-SNJ54ABT16373A Datasheet
109Kb / 7P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_06 Datasheet
196Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
54AC16373 TI-54AC16373 Datasheet
187Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHC16373 TI-SN54AHC16373_07 Datasheet
371Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_08 Datasheet
377Kb / 13P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16373A TI-SN54ABT16373A_07 Datasheet
340Kb / 13P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVC16373A RENESAS-HD74LVC16373A Datasheet
195Kb / 10P
   16-bit D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com