Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q971032 Datasheet(PDF) 1 Page - E-SWITCH

Part # Q971032
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

Q971032 Datasheet(HTML) 1 Page - E-SWITCH

  Q971032 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
SS075Q102F035V1A
4:1
12/16/2011
Q971032
A
BGL
1
1
NO
P.C. MOUNTING
NC
C
CNO
NC
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=
`0.4
X.XX=
`0.25
3. RATING: 0.1A @ 5 VDC
0.1A @ 125VAC UL
4. OPERATING FORCE: 35
` 10 gf
5. OPERATING TEMP: -25
~C TO 75~C
6. CONTACT RESISTANCE: 100mΩ MAX. INITIAL
7. ELECTRICAL LIFE: 10,000 CYCLES MIN.
8. MECHANICAL LIFE: 1,000,000 CYCLES MIN.
9. INSULATION RESISTANCE: 100 MΩ MIN. @ 500V
10. DIELECTRIC STRENGTH: 1,500VAC - 1 MINUTE
11.
DENOTES CRITICAL PARAMETER.
12. PACKAGED IN TRAYS, 120 PIECES PER TRAY.
13. 2002/95/EC (ROHS) COMPLIANT
A
20344
RELEASE FOR PRODUCTION
12/16/11
BGL
COM
NC
NO
CIRCUIT: SPDT
1.50
[.059 in] (2)
n2.00
[.079 in]
3.15
[.124 in]
6.00
[.236 in]
5.80 `.50
.228 `.020 in
[]
2.25
[.089 in]
5.70
[.224 in]
O.P.
2.20 x 2.00 SLOT
6.50
[.256 in]
12.80
[.504 in]
O.P. (MM)
P.T. (MM)
`
O.P. = OPERATING POINT
P.T. = PRE-TRAVEL
10.8
3.60 MAX
0.8
P.T.
3.60
[.142 in]
3.80
[.150 in]
.90
[.035 in]
6.50
[.256 in]
3.25
[.128 in] (2)
5.08
[.200 in]
3.55
[.140 in]
n1.20
[.047 in]
n2.00
[.079 in]
5.08
[.200 in]
.40
[.016 in]
15.00
[.591 in]
12.70
[.500 in]


Similar Part No. - Q971032

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
Q971030 E-SWITCH-Q971030 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
Q971031 E-SWITCH-Q971031 Datasheet
115Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
Q971033 E-SWITCH-Q971033 Datasheet
136Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
Q971034 E-SWITCH-Q971034 Datasheet
90Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
Q971035 E-SWITCH-Q971035 Datasheet
85Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - Q971032

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com