Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELSH-J71C3-0CPGS-D5700 Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # ELSH-J71C3-0CPGS-D5700
Description  Shuen
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSH-J71C3-0CPGS-D5700 Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button ELSH-J71C3-0CPGS-D5700 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSH-J71C3-0CPGS-D5700 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSH-J71C3-0CPGS-D5700 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSH-J71C3-0CPGS-D5700 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSH-J71C3-0CPGS-D5700 Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELSH-J71C3-0CPGS-D5700 Datasheet HTML 10Page - Everlight Electronics Co., Ltd ELSH-J71C3-0CPGS-D5700 Datasheet HTML 11Page - Everlight Electronics Co., Ltd ELSH-J71C3-0CPGS-D5700 Datasheet HTML 12Page - Everlight Electronics Co., Ltd ELSH-J71C3-0CPGS-D5700 Datasheet HTML 13Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LifecyclePhase:
Revision
: 8
Expired Period: Forever
Release Date:2011-11-03 11:08:05.0
DATASHEET
SMD HP Shuen
3W Series
9
Copyright © 2011, Everlight All Rights Reserved. Release Date: 10.28.2011. Issue No: DHE-0001163
www.everlight.com
PN of the Shuen series: Color LEDs
The table below is a list of part numbers for the Everlight Shuen series Color LED. Standard Everlight color
bins are listed according to wavelength and represent the standard primary colors of the spectrum. Typical
view angle is 120°. These clearly listed binning options allow for proper design and implementation into
lighting applications.
For Example: If you order product using P/N ELSH-F81R3-0LPNM-BR4R6, you will get
Color, Shuen series LEDs at 700mA are listed below.
Color
Order Code of ELSH
Minimum
Luminous
Flux (lm)
Dominant
Wavelength
(nm)
Forward
Voltage(V)
ELSH-F81R3-0LPNM-BR4R6
80
615~630
2.05~3.25
ELSH-F91R3-0LPNM-BR4R6
90
615~630
2.05~3.25
ELSH-F81Y3-0LPNM-BA3A5
80
585~592.5
2.05~3.25
ELSH-F91Y3-0LPNM-BA3A5
90
585~592.5
2.05~3.25
*ELSH-F91G3-0LPNM-DG1G3
90
520~535
3.25~4.15
*ELSH-J11G3-0LPNM-DG1G3
100
520~535
3.25~4.15
*ELSH-E81B3-0LPNM-DB6B8
20
455~470
3.25~4.15
*ELSH-E91B3-0LPNM-DB6B8
23
455~470
3.25~4.15
*Product lead time of at least 8 weeks.
Note:
1. Each 3W direct color PN is based on the min. bin and includes four adjacent bins.
Color
Variant
Radiation
Pattern
Dominant
Wavelength
(nm)
Forward
Voltage
(V)
Minimum
Luminous Flux
(lm)
Red
Lambertian
615~620(R4)
620~625(R5)
625~630(R6)
2.05~2.35(U2)
2.35~2.65(U3)
2.65~2.95(U4)
2.95~3.25(V1)
80
Red
Amber
Green
Blue


Similar Part No. - ELSH-J71C3-0CPGS-D5700

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-J71C3-0CPGS-D5700 EVERLIGHT-ELSH-J71C3-0CPGS-D5700 Datasheet
1Mb / 36P
   Small package with high efficiency
More results

Similar Description - ELSH-J71C3-0CPGS-D5700

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-F41Y1-0LPNM-AA3A5 EVERLIGHT-ELSH-F41Y1-0LPNM-AA3A5 Datasheet
2Mb / 45P
   Shuen
ELSH-F41Y1-0LPNM-AA4A6 EVERLIGHT-ELSH-F41Y1-0LPNM-AA4A6 Datasheet
2Mb / 45P
   Shuen
ELSH-F81M1-0CPGS-C3500 EVERLIGHT-ELSH-F81M1-0CPGS-C3500 Datasheet
2Mb / 45P
   Shuen
ELSH-F91M1-0VPGS-C3000 EVERLIGHT-ELSH-F91M1-0VPGS-C3000 Datasheet
2Mb / 45P
   Shuen
ELSH-F91N1-0CPGS-C4000 EVERLIGHT-ELSH-F91N1-0CPGS-C4000 Datasheet
2Mb / 45P
   Shuen
ELSH-J41M3-0CPHS-D3500 EVERLIGHT-ELSH-J41M3-0CPHS-D3500 Datasheet
1Mb / 36P
   Shuen
ELSH-J71C3-0CPHS-D6500 EVERLIGHT-ELSH-J71C3-0CPHS-D6500 Datasheet
1Mb / 36P
   Shuen
ELSH-F91M1-0VPHS-C3000 EVERLIGHT-ELSH-F91M1-0VPHS-C3000 Datasheet
2Mb / 45P
   Shuen
ELSH-J11G3-0LPNM-DG1G3 EVERLIGHT-ELSH-J11G3-0LPNM-DG1G3 Datasheet
1Mb / 36P
   Shuen
ELSH-J31C1-0VPGS-C6500 EVERLIGHT-ELSH-J31C1-0VPGS-C6500 Datasheet
2Mb / 45P
   Shuen
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com