Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELSH-Q91L1-0LPNM-CB4B6 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # ELSH-Q91L1-0LPNM-CB4B6
Description  Shuen
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSH-Q91L1-0LPNM-CB4B6 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  ELSH-Q91L1-0LPNM-CB4B6 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELSH-Q91L1-0LPNM-CB4B6 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELSH-Q91L1-0LPNM-CB4B6 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELSH-Q91L1-0LPNM-CB4B6 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSH-Q91L1-0LPNM-CB4B6 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSH-Q91L1-0LPNM-CB4B6 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSH-Q91L1-0LPNM-CB4B6 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSH-Q91L1-0LPNM-CB4B6 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSH-Q91L1-0LPNM-CB4B6 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
DATASHEET
SMD HP Shuen
1W Series
5
Copyright © 2011, Everlight All Rights Reserved. Release Date: Jul.16.2013. Issue No: DHE-0000751
www.everlight.com
Luminous Flux Characteristics for the Shuen series
Color
Part Number
1W
Minimum Luminous Flux(lm)
or
Radiometric Power(mW)[1]
Drive Current
(mA)
ELSH – F81CX
80
350
ELSH – F91CX
90
350
ELSH – J11CX
100
350
ELSH – J21CX
110
350
ELSH – J31CX
120
350
ELSH – F81NX
80
350
ELSH – F91NX
90
350
ELSH –J11NX
100
350
ELSH – F61MX
60
350
ELSH – F71MX
70
350
ELSH – F81MX
80
350
ELSH – F91MX
90
350
ELSH – F41RX
45
350
ELSH – F51RX
52
350
ELSH – F61RX
60
350
ELSH – F41OX
45
350
ELSH – F51OX
52
350
ELSH – F61OX
60
350
ELSH – F31YX
39
350
ELSH – F41YX
45
350
ELSH – F71GX
70
350
ELSH – F81GX
80
350
ELSH – E61BX
13
350
ELSH – E71BX
17
350
ELSH – E81BX
20
350
ELSH – Q91LX
275
350
ELSH – Q91EX
275
350
ELSH – Q61LX
125
350
Notes:
1.
Luminous flux measurement tolerance: ±10%.
2.
The data of luminous flux measured at thermal pad=25°C
3.
Typical luminous flux or light output performance is operated within the conditions guided by this datasheet.
4.
The range of Luminous Flux in Royal-Blue, Deep-Red and Far-Red is described as Radiometric Power.
Red
Orange
Amber
Neutral
White
Green
Cool
White
Warm
White
Deep Red
Far Red
Royal Blue
Blue


Similar Part No. - ELSH-Q91L1-0LPNM-CB4B6

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-Q91L1-0LPNM-CB4B6 EVERLIGHT-ELSH-Q91L1-0LPNM-CB4B6 Datasheet
1Mb / 40P
   Small package with high efficiency
ELSH-Q91L1-0LPNM-CB4B6 EVERLIGHT-ELSH-Q91L1-0LPNM-CB4B6 Datasheet
1Mb / 46P
   LM-80 Certified
More results

Similar Description - ELSH-Q91L1-0LPNM-CB4B6

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-F41Y1-0LPNM-AA3A5 EVERLIGHT-ELSH-F41Y1-0LPNM-AA3A5 Datasheet
2Mb / 45P
   Shuen
ELSH-F41Y1-0LPNM-AA4A6 EVERLIGHT-ELSH-F41Y1-0LPNM-AA4A6 Datasheet
2Mb / 45P
   Shuen
ELSH-F81M1-0CPGS-C3500 EVERLIGHT-ELSH-F81M1-0CPGS-C3500 Datasheet
2Mb / 45P
   Shuen
ELSH-F91M1-0VPGS-C3000 EVERLIGHT-ELSH-F91M1-0VPGS-C3000 Datasheet
2Mb / 45P
   Shuen
ELSH-F91N1-0CPGS-C4000 EVERLIGHT-ELSH-F91N1-0CPGS-C4000 Datasheet
2Mb / 45P
   Shuen
ELSH-J41M3-0CPHS-D3500 EVERLIGHT-ELSH-J41M3-0CPHS-D3500 Datasheet
1Mb / 36P
   Shuen
ELSH-J71C3-0CPGS-D5700 EVERLIGHT-ELSH-J71C3-0CPGS-D5700 Datasheet
1Mb / 36P
   Shuen
ELSH-J71C3-0CPHS-D6500 EVERLIGHT-ELSH-J71C3-0CPHS-D6500 Datasheet
1Mb / 36P
   Shuen
ELSH-F91M1-0VPHS-C3000 EVERLIGHT-ELSH-F91M1-0VPHS-C3000 Datasheet
2Mb / 45P
   Shuen
ELSH-J11G3-0LPNM-DG1G3 EVERLIGHT-ELSH-J11G3-0LPNM-DG1G3 Datasheet
1Mb / 36P
   Shuen
ELSH-J31C1-0VPGS-C6500 EVERLIGHT-ELSH-J31C1-0VPGS-C6500 Datasheet
2Mb / 45P
   Shuen
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com