Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELSWD-J31C1-1LPGC-C5700 Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # ELSWD-J31C1-1LPGC-C5700
Description  Shwo
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSWD-J31C1-1LPGC-C5700 Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button ELSWD-J31C1-1LPGC-C5700 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELSWD-J31C1-1LPGC-C5700 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSWD-J31C1-1LPGC-C5700 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSWD-J31C1-1LPGC-C5700 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSWD-J31C1-1LPGC-C5700 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSWD-J31C1-1LPGC-C5700 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSWD-J31C1-1LPGC-C5700 Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELSWD-J31C1-1LPGC-C5700 Datasheet HTML 10Page - Everlight Electronics Co., Ltd ELSWD-J31C1-1LPGC-C5700 Datasheet HTML 11Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LifecyclePhase:
Revision
: 9
Expired Period: Forever
Release Date:2013-09-27 14:25:06.0
DATASHEET
SMD HP Shwo(D)
1W Series
7 Copyright © 2012, Everlight All Rights Reserved. Release Date: 11.14. 2012 Issue No:DHE-0001766
www.everlight.com
High Performance PN of the Shwo(D) series: White LEDs
The table below is a list of high performance part numbers for the Everlight Shwo(D) 1W series White
LED. All parts listed match ANSI binning standards. All ANSI bins are listed and currently available. CRI is
also listed with min 70 to 80. Cool white and Warm white typical view angle is 110° and Neutral- white is
105°
.These clearly listed binning options allow for proper design and implementation into lighting
applications. The Order Codes below are currently available White Shwo(D) LEDs.
For Example: If you order product using P/N ELSWD-J31C1-1LPGC-C5700, you will be specifying:
White, Shwo(D) series LEDs at 350mA are listed below
Minimum
Luminous Flux (lm)
Forward Voltage (V)
Color
Order Code of ELSWD
350mA
700mA
CCT (K)
Wavelength
(nm)
350mA
700mA
CRI
(Min.)
Cool-White
6500K
ELSWD-J31C1-1LPGC-C6500
120
200
65K-1~65k-4
2.95~3.85
3.25~4.15
70
ELSWD-J31C1-1LPGC-C5700
120
200
57K-1~57K-4
2.95~3.85
3.25~4.15
70
Cool-White
5700K
ELSWD-J21C1-1LPHC-C5700
110
180
57K-1~57K-4
2.95~3.85
3.25~4.15
80
Cool-White
5000K
ELSWD-J21C1-1LPGC-C5000
110
180
50K-1~50K-4
2.95~3.85
3.25~4.15
70
Neutral-White
4500K
ELSWD-J21N1-1LPGC-C4500
110
180
45K-1~45K-4
2.95~3.85
3.25~4.15
70
Neutral-White
4500K
ELSWD-J11N1-1LPHC-C4500
100
170
45K-1~45K-4
2.95~3.85
3.25~4.15
80
Neutral-White
4000K
ELSWD-J11N1-1LPGC-C4000
100
170
40K-1~40K-4
2.95~3.85
3.25~4.15
70
Neutral-White
4000K
ELSWD-J11N1-1LPHC-C4000
100
170
40K-1~40K-4
2.95~3.85
3.35~4.15
80
Warm-White
3500K
ELSWD-F91M1-1LPHE-C3500
90
150
35K-1~35K-4
2.95~3.85
3.25~4.15
80
Warm-White
3000K
ELSWD-F91M1-1LPHE-C3000
90
150
30K-1~30K-4
2.95~3.85
3.25~4.15
80
Warm-White
2700K
ELSWD-F81M1-1LPHE-C2700
80
130
27K-1~27K-4
2.95~3.85
3.25~4.15
80
Notes:
1.
CRI measurement tolerance: ±2.
2.
Each 1W white PN is based on the min. bin, and includes two adjacent bins
Color
Radiation
Pattern
CRI
(Min.)
CCT
Forward
Voltage
(V)
Minimum
Luminous
Flux (lm)
Cool
White
Lambertian
70
57K-1 ~ 57K-2
~
57K-3 ~ 57K-4
2.95~3.25(V1)
3.25~3.55(V2)
3.55~3.85(V3)
120


Similar Part No. - ELSWD-J31C1-1LPGC-C5700

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSWD-J31C1-1LPGC-C6500 EVERLIGHT-ELSWD-J31C1-1LPGC-C6500 Datasheet
1,008Kb / 32P
   Shwo
More results

Similar Description - ELSWD-J31C1-1LPGC-C5700

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSW-J31N3-0LPGS-D4000 EVERLIGHT-ELSW-J31N3-0LPGS-D4000 Datasheet
1Mb / 35P
   Shwo
ELSW-J41N3-0LPGS-D4500 EVERLIGHT-ELSW-J41N3-0LPGS-D4500 Datasheet
1Mb / 35P
   Shwo
ELSWD-J11N1-1LPHC-C4000 EVERLIGHT-ELSWD-J11N1-1LPHC-C4000 Datasheet
1,008Kb / 32P
   Shwo
ELSW-J21M3-0LPGS-D2700 EVERLIGHT-ELSW-J21M3-0LPGS-D2700 Datasheet
1Mb / 35P
   Shwo
ELSWD-J11C1-1LPGC-C4000 EVERLIGHT-ELSWD-J11C1-1LPGC-C4000 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J11N1-1LPHC-C4500 EVERLIGHT-ELSWD-J11N1-1LPHC-C4500 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J21C1-1LPHC-C5700 EVERLIGHT-ELSWD-J21C1-1LPHC-C5700 Datasheet
1,008Kb / 32P
   Shwo
ELSW-F41Y1-0LPNM-AA3A5 EVERLIGHT-ELSW-F41Y1-0LPNM-AA3A5 Datasheet
1Mb / 46P
   Shwo
ELSW-F81N1-0LPGS-C4000 EVERLIGHT-ELSW-F81N1-0LPGS-C4000 Datasheet
1Mb / 46P
   Shwo
ELSW-E81B1-0LPNM-CB7B8 EVERLIGHT-ELSW-E81B1-0LPNM-CB7B8 Datasheet
1Mb / 46P
   Shwo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com