Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELSW-E81B1-0LPNM-CB7B8 Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # ELSW-E81B1-0LPNM-CB7B8
Description  Shwo
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSW-E81B1-0LPNM-CB7B8 Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button ELSW-E81B1-0LPNM-CB7B8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSW-E81B1-0LPNM-CB7B8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSW-E81B1-0LPNM-CB7B8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSW-E81B1-0LPNM-CB7B8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSW-E81B1-0LPNM-CB7B8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSW-E81B1-0LPNM-CB7B8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELSW-E81B1-0LPNM-CB7B8 Datasheet HTML 10Page - Everlight Electronics Co., Ltd ELSW-E81B1-0LPNM-CB7B8 Datasheet HTML 11Page - Everlight Electronics Co., Ltd ELSW-E81B1-0LPNM-CB7B8 Datasheet HTML 12Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
LifecyclePhase:
Revision
: 16
Expired Period: Forever
Release Date:2014-03-12 09:27:40.0
DATASHEET
SMD HP Shwo
1W Series
8
Copyright © 2011, Everlight All Rights Reserved. Release Date: Jan.14.2014. Issue No: DHE-0001156
www.everlight.com
Color
Order Code of ELSW
Minimum
Luminous
Flux (lm)
CCT (K)
Wavelength
(nm)
Forward
Voltage
(V)
CRI
(min)
ELSW-F81M1-0CPGS-C3500
80
35K-1~35K-4
2.65~3.55
75
ELSW-F91M1-0VPGS-C3500
90
35K-1~35K-4
2.65~3.55
75
ELSW-F71M1-0CPHS-C3500
70
35K-1~35K-4
2.65~3.55
80
ELSW-F81M1-0CPGS-C3000
80
30K-1~30K-4
2.65~3.55
75
ELSW-F91M1-0VPGS-C3000
90
30K-1~30K-4
2.65~3.55
75
ELSW-F71M1-0CPHS-C3000
70
30K-1~30K-4
2.65~3.55
80
ELSW-F81M1-0VPHS-C3000
80
30K-1~30K-4
2.65~3.55
80
ELSW-F91M1-0VPHS-C3000
90
30K-1~30K-4
2.65~3.55
80
ELSW-F71M1-0CPGS-C2700
70
27K-1~27K-4
2.65~3.55
75
ELSW-F81M1-0CPGS-C2700
80
27K-1~27K-4
2.65~3.55
75
ELSW-F91M1-0VPGS-C2700
90
27K-1~27K-4
2.65~3.55
75
ELSW-F61M1-0CPHS-C2700
60
27K-1~27K-4
2.65~3.55
80
ELSW-F71M1-0CPHS-C2700
70
27K-1~27K-4
2.65~3.55
80
ELSW-F81M1-0VPHS-C2700
80
27K-1~27K-4
2.65~3.55
80
ELSW-F91M1-0VPHS-C2700
90
27K-1~27K-4
2.65~3.55
80
Notes:
1.
CRI measurement tolerance: ±2.
2.
Each 1W white PN is based on the min. bin, and includes two adjacent bins
Warm
White
3500
Warm
White
3000
Warm
White
2700


Similar Part No. - ELSW-E81B1-0LPNM-CB7B8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSW-E81B1-0LPNM-CB7B8 EVERLIGHT-ELSW-E81B1-0LPNM-CB7B8 Datasheet
1Mb / 39P
   Small package with high efficiency
More results

Similar Description - ELSW-E81B1-0LPNM-CB7B8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSW-J31N3-0LPGS-D4000 EVERLIGHT-ELSW-J31N3-0LPGS-D4000 Datasheet
1Mb / 35P
   Shwo
ELSW-J41N3-0LPGS-D4500 EVERLIGHT-ELSW-J41N3-0LPGS-D4500 Datasheet
1Mb / 35P
   Shwo
ELSWD-J11N1-1LPHC-C4000 EVERLIGHT-ELSWD-J11N1-1LPHC-C4000 Datasheet
1,008Kb / 32P
   Shwo
ELSW-J21M3-0LPGS-D2700 EVERLIGHT-ELSW-J21M3-0LPGS-D2700 Datasheet
1Mb / 35P
   Shwo
ELSWD-J11C1-1LPGC-C4000 EVERLIGHT-ELSWD-J11C1-1LPGC-C4000 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J11N1-1LPHC-C4500 EVERLIGHT-ELSWD-J11N1-1LPHC-C4500 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J21C1-1LPHC-C5700 EVERLIGHT-ELSWD-J21C1-1LPHC-C5700 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J31C1-1LPGC-C5700 EVERLIGHT-ELSWD-J31C1-1LPGC-C5700 Datasheet
1,008Kb / 32P
   Shwo
ELSW-F41Y1-0LPNM-AA3A5 EVERLIGHT-ELSW-F41Y1-0LPNM-AA3A5 Datasheet
1Mb / 46P
   Shwo
ELSW-F81N1-0LPGS-C4000 EVERLIGHT-ELSW-F81N1-0LPGS-C4000 Datasheet
1Mb / 46P
   Shwo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com