Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LVC244A Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HD74LVC244A
Description  Octal Buffers / Line Drivers with 3-state Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LVC244A Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HD74LVC244A Datasheet HTML 1Page - Hitachi Semiconductor HD74LVC244A Datasheet HTML 2Page - Hitachi Semiconductor HD74LVC244A Datasheet HTML 3Page - Hitachi Semiconductor HD74LVC244A Datasheet HTML 4Page - Hitachi Semiconductor HD74LVC244A Datasheet HTML 5Page - Hitachi Semiconductor HD74LVC244A Datasheet HTML 6Page - Hitachi Semiconductor HD74LVC244A Datasheet HTML 7Page - Hitachi Semiconductor HD74LVC244A Datasheet HTML 8Page - Hitachi Semiconductor HD74LVC244A Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HD74LVC244A
3
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
V
CC
1.5 to 5.5
V
Data retention
2.0 to 5.5
V
At operation
Input / output voltage
V
I
0 to 5.5
V
G, A
V
O
0 to V
CC
V
Output "H" or "L"
0 to 5.5
V
Output "Z" or V
CC:OFF
Operating temperature
Ta
–40 to 85
°C
Output current
I
OH
–12
mA
V
CC = 2.7 V
–24
*2
mA
V
CC = 3.0 V to 5.5 V
I
OL
12
mA
V
CC = 2.7 V
24
*2
mA
V
CC = 3.0 V to 5.5 V
Input rise / fall time
*1
t
r, t f
10
ns/V
Notes: 1. This item guarantees maximum limit when one input switches.
Waveform : Refer to test circuit of switching characteristics.
2. duty cycle
≤ 50%


Similar Part No. - HD74LVC244A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC244A RENESAS-HD74LVC244A Datasheet
189Kb / 7P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74LVC244AFPEL RENESAS-HD74LVC244AFPEL Datasheet
189Kb / 7P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74LVC244ATELL RENESAS-HD74LVC244ATELL Datasheet
189Kb / 7P
   Octal Buffers / Line Drivers with 3-state Outputs
More results

Similar Description - HD74LVC244A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240_04 Datasheet
82Kb / 8P
   Octal Buffers/Line Drivers with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74BC540A HITACHI-HD74BC540A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74BC541A HITACHI-HD74BC541A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 HITACHI-HD74HC540 Datasheet
51Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Renesas Technology Corp
RD74LVC540B RENESAS-RD74LVC540B Datasheet
83Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74HCT540 RENESAS-HD74HCT540 Datasheet
112Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
HD74HC540 RENESAS-HD74HC540_15 Datasheet
132Kb / 11P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Texas Instruments
54AC11241 TI1-54AC11241_09 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC244A HITACHI-HD74BC244A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74LVC540A HITACHI-HD74LVC540A Datasheet
48Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com