Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELSW-F71M1-0LPGS-C3000 Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # ELSW-F71M1-0LPGS-C3000
Description  Shwo
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSW-F71M1-0LPGS-C3000 Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button ELSW-F71M1-0LPGS-C3000 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELSW-F71M1-0LPGS-C3000 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSW-F71M1-0LPGS-C3000 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSW-F71M1-0LPGS-C3000 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSW-F71M1-0LPGS-C3000 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSW-F71M1-0LPGS-C3000 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSW-F71M1-0LPGS-C3000 Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELSW-F71M1-0LPGS-C3000 Datasheet HTML 10Page - Everlight Electronics Co., Ltd ELSW-F71M1-0LPGS-C3000 Datasheet HTML 11Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
LifecyclePhase:
Revision
: 16
Expired Period: Forever
Release Date:2014-03-12 09:27:40.0
DATASHEET
SMD HP Shwo
1W Series
7
Copyright © 2011, Everlight All Rights Reserved. Release Date: Jan.14.2014. Issue No: DHE-0001156
www.everlight.com
PN of the Shwo High Luminous Series: White LEDs
The table below is a list of part numbers for the Everlight Shwo 1W high luminous series White
LED. All parts listed match ANSI binning standards. Bin offerings of 2700K to 6500K are listed and
currently available. CRI is also listed with min 70 to 80. Typical view angle is 100°
. These clearly listed
binning options allow for proper design and implementation into lighting applications. The Order Codes
below are currently available White Shwo LEDs.
For Example: If you order product using P/N ELSW-J11C1-0CPGS-C5700,you will be specifying:
White Shwo series LEDs at 350mA are listed below.
Color
Order Code of ELSW
Minimum
Luminous
Flux (lm)
CCT (K)
Wavelength
(nm)
Forward
Voltage
(V)
CRI
(min)
ELSW-J11C1-0CPGS-C6500
100
65K-1~65K-4
2.65~3.55
70
ELSW-J21C1-0VPGS-C6500
110
65K-1~65K-4
2.65~3.55
70
ELSW-J31C1-0VPGS-C6500
120
65K-1~65K-4
2.65~3.55
70
ELSW-J11C1-0VPHS-C6500
100
65K-1~65K-4
2.65~3.55
80
ELSW-J11C1-0CPGS-C5700
100
57K-1~57K-4
2.65~3.55
70
ELSW-J21C1-0VPGS-C5700
110
57K-1~57K-4
2.65~3.55
70
ELSW-J31C1-0VPGS-C5700
120
57K-1~57K-4
2.65~3.55
70
ELSW-J11C1-0VPHS-C5700
100
57K-1~57K-4
2.65~3.55
80
ELSW-F91C1-0CPGS-C5000
90
50K-1~50K-4
2.65~3.55
70
ELSW-J11C1-0VPGS-C5000
100
50K-1~50K-4
2.65~3.55
70
ELSW-J21C1-0CPGS-C5000
110
50K-1~50K-4
2.65~3.55
70
ELSW-J31C1-0CPGS-C5000
120
50K-1~50K-4
2.65~3.55
70
ELSW-F91C1-0CPHS-C5000
90
50K-1~50K-4
2.65~3.55
80
ELSW-F91N1-0CPGS-C4500
90
45K-1~45K-4
2.65~3.55
75
ELSW-J11N1-0VPGS-C4500
100
45K-1~45K-4
2.65~3.55
75
ELSW-F91N1-0CPGS-C4000
90
40K-1~40K-4
2.65~3.55
75
ELSW-J11N1-0VPGS-C4000
100
40K-1~40K-4
2.65~3.55
75
ELSW-F81N1-0VPHS-C4000
80
40K-1~40K-4
2.65~3.55
80
ELSW-F91N1-0CPHS-C4000
90
40K-1~40K-4
2.65~3.55
80
Color
Variant
Radiation
Pattern
CRI
CCT
Forward
Voltage
(V)
Minimum
Luminous
Flux (lm)
Cool
White
Lambertian
70
57K-1 ~ 57K-2
~
57K-3 ~ 57K-4
2.65~2.95(U4)
2.95~3.25(V1)
3.25~3.55(V2)
100
Neutral
White
4500
Neutral
White
4000
Cool
White
6500
Cool
White
5700
Cool
White
5000


Similar Part No. - ELSW-F71M1-0LPGS-C3000

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSW-F71M1-0LPGS-C3000 EVERLIGHT-ELSW-F71M1-0LPGS-C3000 Datasheet
1Mb / 39P
   Small package with high efficiency
More results

Similar Description - ELSW-F71M1-0LPGS-C3000

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSW-J31N3-0LPGS-D4000 EVERLIGHT-ELSW-J31N3-0LPGS-D4000 Datasheet
1Mb / 35P
   Shwo
ELSW-J41N3-0LPGS-D4500 EVERLIGHT-ELSW-J41N3-0LPGS-D4500 Datasheet
1Mb / 35P
   Shwo
ELSWD-J11N1-1LPHC-C4000 EVERLIGHT-ELSWD-J11N1-1LPHC-C4000 Datasheet
1,008Kb / 32P
   Shwo
ELSW-J21M3-0LPGS-D2700 EVERLIGHT-ELSW-J21M3-0LPGS-D2700 Datasheet
1Mb / 35P
   Shwo
ELSWD-J11C1-1LPGC-C4000 EVERLIGHT-ELSWD-J11C1-1LPGC-C4000 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J11N1-1LPHC-C4500 EVERLIGHT-ELSWD-J11N1-1LPHC-C4500 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J21C1-1LPHC-C5700 EVERLIGHT-ELSWD-J21C1-1LPHC-C5700 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J31C1-1LPGC-C5700 EVERLIGHT-ELSWD-J31C1-1LPGC-C5700 Datasheet
1,008Kb / 32P
   Shwo
ELSW-F41Y1-0LPNM-AA3A5 EVERLIGHT-ELSW-F41Y1-0LPNM-AA3A5 Datasheet
1Mb / 46P
   Shwo
ELSW-F81N1-0LPGS-C4000 EVERLIGHT-ELSW-F81N1-0LPGS-C4000 Datasheet
1Mb / 46P
   Shwo
ELSW-E81B1-0LPNM-CB7B8 EVERLIGHT-ELSW-E81B1-0LPNM-CB7B8 Datasheet
1Mb / 46P
   Shwo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com