Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LVCZ16244A Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HD74LVCZ16244A
Description  16-bit Buffers / Line Drivers with 3-state Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LVCZ16244A Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HD74LVCZ16244A Datasheet HTML 3Page - Hitachi Semiconductor HD74LVCZ16244A Datasheet HTML 4Page - Hitachi Semiconductor HD74LVCZ16244A Datasheet HTML 5Page - Hitachi Semiconductor HD74LVCZ16244A Datasheet HTML 6Page - Hitachi Semiconductor HD74LVCZ16244A Datasheet HTML 7Page - Hitachi Semiconductor HD74LVCZ16244A Datasheet HTML 8Page - Hitachi Semiconductor HD74LVCZ16244A Datasheet HTML 9Page - Hitachi Semiconductor HD74LVCZ16244A Datasheet HTML 10Page - Hitachi Semiconductor HD74LVCZ16244A Datasheet HTML 11Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
HD74LVCZ16244A
9
Power up / down Characteristics
Ta = 25
°C
Output enable = “L”
0
1.0
2.0
VCC (V)
3.0
4.0
Enable area
Disable area
1.0
0
2.0
3.0
4.0


Similar Part No. - HD74LVCZ16244A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVCZ16244A RENESAS-HD74LVCZ16244A Datasheet
99Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVCZ16244ATEL RENESAS-HD74LVCZ16244ATEL Datasheet
99Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVCZ16244A RENESAS-HD74LVCZ16244A_15 Datasheet
119Kb / 10P
   16?밷it Buffers / Line Drivers with 3?뱒tate Outputs
More results

Similar Description - HD74LVCZ16244A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC16244A16 HITACHI-HD74LVC16244A16 Datasheet
50Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVC16540 HITACHI-HD74LVC16540 Datasheet
51Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Renesas Technology Corp
HD74LVCZ16240A RENESAS-HD74LVCZ16240A Datasheet
102Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Hitachi Semiconductor
HD74LVC16240A HITACHI-HD74LVC16240A Datasheet
51Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Renesas Technology Corp
RD74LVC16240B RENESAS-RD74LVC16240B Datasheet
107Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Texas Instruments
54AC16244 TI-54AC16244_07 Datasheet
335Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LVCZ16240A HITACHI-HD74LVCZ16240A Datasheet
54Kb / 11P
   16-bit Buffers / Line Drivers with 3-state Outputs
logo
Texas Instruments
54AC16244 TI-54AC16244 Datasheet
125Kb / 10P
[Old version datasheet]   16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LVC16241 HITACHI-HD74LVC16241 Datasheet
47Kb / 9P
   16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVC16541 HITACHI-HD74LVC16541 Datasheet
50Kb / 8P
   16-bit Buffers / Line Drivers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com