Electronic Components Datasheet Search |
|
F930J157MBA Datasheet(PDF) 1 Page - Nichicon corporation |
|
F930J157MBA Datasheet(HTML) 1 Page - Nichicon corporation |
1 / 2 page C Performance Characteristics Item SOLID TANTALUM ELECTROLYTIC CAPACITORS F93 Resin-moldedChip, Standard Series ∗ As for the surge and derated voltage at 125˚C, refer to page 332 for details. Type numbering system (Example: 10V 10µF) Drawing Dimensions Marking Specifications Category Temperature Range --55 to +125˚C (Rated temperature : +85˚C) Capacitance Tolerance ± 20%, ±10% (at 120Hz) Dissipation Factor (120Hz) Refer to next page ESR (100kHz) Refer to next page Leakage Current • After 1 minute's application of rated voltage, leakage current at 20˚C is not more than 0.01CV or 0.5µA, whichever is greater. • After 1 minute's application of rated voltage, leakage current at 85˚C is not more than 0.1CV or 5µA, whichever is greater. • After 1 minute's application of derated voltage, leakage current at 125˚C is not more than 0.125CV or 6.3µA, whichever is greater. Capacitance Change by Temperature +15% Max. (at +125˚C) +10% Max. (at +85˚C) --10% Max. (at --55˚C) Damp Heat (Steady State) At 40˚C 90 to 95% R.H. 500 hours (No voltage applied) Capacitance Change...Refer to next page (* 1) Dissipation Factor........Initial specified value or less Leakage Current..........Initial specified value or less Temperature Cycles --55˚C / +125˚C 30 minutes each 5 cycles Capacitance Change...Refer to next page (* 1) Dissipation Factor........Initial specified value or less Leakage Current..........Initial specified value or less Resistance to Soldering Heat 10 seconds reflow at 260˚C , 5 seconds immersion at 260˚C Capacitance Change...Refer to next page (* 1) Dissipation Factor........Initial specified value or less Leakage Current..........Initial specified value or less Surge∗ After application of surge voltage in series with a 33 Ω resistor at the rate of 30 seconds ON, 30 seconds OFF, for 1000 successive test cycles at 85˚C, capacitors shall meet the characteristic requirements table below. Capacitance Change.....Refer to next page (* 1) Dissipation Factor.........Initial specified value or less Leakage Current...........Initial specified value or less Endurance∗ After 2000 hours' application of rated voltage in series with a 3 Ω resistor at 85˚C, or derated voltage in series with a 3Ω resistor at 125˚C, capacitors shall meet the characteristic requirements table below. Capacitance Change...... Refer to next page (* 1) Dissipation Factor..........Initial specified value or less Leakage Current............Initial specified value or less Shear Test After applying the pressure load of 5N for 10±1 seconds horizontally to the center of capacitor side body which has no electrode and has been soldered beforehand on a substrate, there shall be found neither exfoliation nor its sign at the terminal electrode. Terminal Strength Keeping a capacitor surface-mounted on a substrate upside down and supporting the substrate at both of the opposite bottom points 45mm apart from the center of capacitor, the pressure strength is applied with a specified jig at the center of substrate so that the substrate may bend by 1mm as illustrated. Then, there shall be found no remarkable abnormality on the capacitor terminals. Case code L W 1 W 2 HS A 3.2 ±0.2 1.6 ±0.2 1.2 ±0.1 1.6 ±0.2 0.8 ±0.2 B 3.5 ±0.2 2.8 ±0.2 2.2 ±0.1 1.9 ±0.2 0.8 ±0.2 C 6.0 ±0.2 3.2 ±0.2 2.2 ±0.1 2.5 ±0.2 1.3 ±0.2 N 7.3 ± 0.2 4.3 ± 0.2 2.4 ± 0.1 2.8 ± 0.2 1.3 ± 0.2 (mm) ( ) The series in parentheses are being developed. Please contact to your local Nichicon sales office when these series are being designed in your application. Taping code (Refer to page 333 for details) F 1 9 2 3 3 1 4 A 5 1 6 0 7 6 8 M 9 A 10 11 Case code Capacitance tolerance Rated capacitance Rated voltage Series L H S S W2 W1 L H S S W2 W1 A • B Case C • N Case Capacitance ( µF) Rated voltage (V) Rated voltage (V) A Case B Case C Case N Case (Rated voltage code) (Capacitance code) C685 22 16V G J A 4V 6.3V 10V 16V 20V D E V 25V 35V 5N (0.51kg ¥ f) For 10±1 seconds 20 R230 45 45 Standard Ratings Compliant to the RoHS directive (2002/95/EC). 0.68 1 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 684 105 155 225 335 475 685 106 156 226 336 476 686 107 157 227 337 477 687 A A A A A • B B (A) • B • C C N N A A A A A • B A • B A • B • C B • C B • C • N N N A A A A • B A • B A • B • C B • C B • C • N C • N N N A A A A A A • B A • B A • B • C B • C (B) • C • N N C • N N N A A A • B A • B A • B C B • C C • N C • N (N) A A A A • B B B • C C C N N 4 0G 6.3 0J 10 1A 16 1C 20 1D 25 1E 35 1V Cap. (µF) Code V A A A A A • B B • C C C • N N N We can supply the type of compliance to AEC-Q200. Please contact to your local Nichicon sales office when these series are being designed in your application. CAT.8100B |
Similar Part No. - F930J157MBA |
|
Similar Description - F930J157MBA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |