Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5212325F-B60 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HM5212325F-B60
Description  128M LVTTL interface SDRAM 100 MHz 1-Mword x 32-bit x 4-bank PC/100 SDRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM5212325F-B60 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HM5212325F-B60 Datasheet HTML 2Page - Hitachi Semiconductor HM5212325F-B60 Datasheet HTML 3Page - Hitachi Semiconductor HM5212325F-B60 Datasheet HTML 4Page - Hitachi Semiconductor HM5212325F-B60 Datasheet HTML 5Page - Hitachi Semiconductor HM5212325F-B60 Datasheet HTML 6Page - Hitachi Semiconductor HM5212325F-B60 Datasheet HTML 7Page - Hitachi Semiconductor HM5212325F-B60 Datasheet HTML 8Page - Hitachi Semiconductor HM5212325F-B60 Datasheet HTML 9Page - Hitachi Semiconductor HM5212325F-B60 Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
HM5212325F-B60
6
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Note
Voltage on any pin relative to V
SS
V
T
–0.5 to V
CC + 0.5
(
≤ 4.6 (max))
V1
Supply voltage relative to V
SS
V
CC
–0.5 to +4.6
V
1
Short circuit output current
Iout
50
mA
Operating temperature
Topr
0 to +70 (Tj max = 110)
°C
Storage temperature
Tstg
–55 to +125
°C
Note:
1. Respect to V
SS.
DC Operating Conditions (Tcase = 0 to +70
°C [Tj max = 110°C])
Parameter
Symbol
Min
Max
Unit
Notes
Supply voltage
V
CC
3.0
3.6
V
1, 2
V
SS
00
V
3
Input high voltage
V
IH
2.0
V
CC + 0.3
V
1, 4
Input low voltage
V
IL
–0.3
0.8
V
1, 5
Notes: 1. All voltage referred to V
SS.
2. The supply voltage with all V
CC pins must be on the same level.
3. The supply voltage with all V
SS pins must be on the same level.
4. V
IH (max) = VCC + 2.0 V for pulse width ≤ 3 ns at VCC.
5. V
IL (min) = VSS – 2.0 V for pulse width ≤ 3 ns at VSS.


Similar Part No. - HM5212325F-B60

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5212325FBPC HITACHI-HM5212325FBPC Datasheet
58Kb / 13P
   128M LVTTL interface SDRAM 100 MHz 1-Mword x 32-bit x 4-bank PC/100 SDRAM
HM5212325FBPC-B60 HITACHI-HM5212325FBPC-B60 Datasheet
58Kb / 13P
   128M LVTTL interface SDRAM 100 MHz 1-Mword x 32-bit x 4-bank PC/100 SDRAM
More results

Similar Description - HM5212325F-B60

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5212325FBPC HITACHI-HM5212325FBPC Datasheet
58Kb / 13P
   128M LVTTL interface SDRAM 100 MHz 1-Mword x 32-bit x 4-bank PC/100 SDRAM
HM5225645F HITACHI-HM5225645F Datasheet
81Kb / 16P
   256M LVTTL interface SDRAM 100 MHz 1-Mword x 64-bit x 4-bank/2-Mword x 32-bit x 4-bank PC/100 SDRAM
HM5212165F HITACHI-HM5212165F Datasheet
859Kb / 63P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword X 16-bit X 4-bank/4-Mword X 8-bit X 4-bank PC/133, PC/100 SDRAM
logo
Elpida Memory
HM5212165FLTD-75 ELPIDA-HM5212165FLTD-75 Datasheet
645Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5212165FTD-75 ELPIDA-HM5212165FTD-75 Datasheet
570Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5257165B ELPIDA-HM5257165B Datasheet
463Kb / 62P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5259165B ELPIDA-HM5259165B Datasheet
368Kb / 63P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5264165F-75 ELPIDA-HM5264165F-75 Datasheet
514Kb / 65P
   64M LVTTL interface SDRAM 133 MHz/100 MHz 1-Mword 횞 16-bit 횞 4-bank/2-Mword 횞 8-bit 횞 4-bank /4-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5225165B ELPIDA-HM5225165B Datasheet
462Kb / 63P
   256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
logo
Hitachi Semiconductor
HM5216805 HITACHI-HM5216805 Datasheet
569Kb / 60P
   16 M LVTTL Interface SDRAM 100 MHz/83 MHz 1-Mword 쨈 8-bit 쨈 2-bank/2-Mword 쨈 4-bit 쨈 2-bank
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com